Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP5357HUI-E Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EP5357HUI-E
Description  600mA Synchronous Buck Regulator with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357HUI-E Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EP5357HUI-E Datasheet HTML 2Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 3Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 4Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 5Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 6Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 7Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 8Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 9Page - Enpirion, Inc. EP5357HUI-E Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
6
www.enpirion.com
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 10mA (VID MODE)
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 1000mA (VID MODE)
Shut-down Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 10mA, PWM
Shut-down Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 500mA, PWM
Output Ripple: VIN = 5.0V, VOUT = 1.2V, Load = 10mA
LLM enabled
Output Ripple: VIN = 5.0V, VOUT = 1.2V,
Load = 500mA
50mV/Div
5mV/Div


Similar Part No. - EP5357HUI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5357HUI ALTERA-EP5357HUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results

Similar Description - EP5357HUI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com