Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX274 Datasheet(PDF) 6 Page - Sony Corporation

Part # ICX274
Description  Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX274 Datasheet(HTML) 6 Page - Sony Corporation

Back Button ICX274 Datasheet HTML 2Page - Sony Corporation ICX274 Datasheet HTML 3Page - Sony Corporation ICX274 Datasheet HTML 4Page - Sony Corporation ICX274 Datasheet HTML 5Page - Sony Corporation ICX274 Datasheet HTML 6Page - Sony Corporation ICX274 Datasheet HTML 7Page - Sony Corporation ICX274 Datasheet HTML 8Page - Sony Corporation ICX274 Datasheet HTML 9Page - Sony Corporation ICX274 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
– 6 –
ICX274AQF
Clock Equivalent Circuit Constants
Note 1) Expressions using parentheses such as C
φV2 (A,B), 3C indicate items which include all combinations of
the pins within the parentheses.
For example, C
φV2 (A, B), 3C indicates [CφV2A3C, CφV2B3C].
C
φV1
C
φV2A, CφV2B
C
φV2C
C
φV3A, CφV3B
C
φV3C
C
φV4
C
φV12 (A, B)
C
φV12C
C
φV13 (A, B)
C
φV13C
C
φV14
C
φV2 (A, B), 3 (A, B)
C
φV2 (A, B), 3C
C
φV2 (A, B), 4
C
φV2C, 3 (A, B)
C
φV2C, 3C
C
φV2C, 4
C
φV3 (A, B), 4
C
φV3C, 4
C
φH1
C
φH2
C
φHH
C
φRG
C
φSUB
R1, R4
R2 (A, B, C), 3 (A, B, C)
RGND
R
φH
R
φH2
R
φRG
Symbol
Capacitance between vertical transfer clock and
GND
Capacitance between vertical transfer clocks
Capacitance between horizontal transfer clock
and GND
Capacitance between horizontal transfer clocks
Capacitance between reset gate clock and GND
Capacitance between substrate clock and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Horizontal transfer clock ground resistor
Reset gate clock and series resistor
Item
Min.
3300
1200
2700
1000
1800
6800
120
220
150
270
2700
470
680
680
1000
820
1800
820
1500
100
100
47
2
820
30
62
15
7
20
4.7
Typ.
Max.
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
k
Unit Remarks


Similar Part No. - ICX274

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
More results

Similar Description - ICX274

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com