Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-340-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK672-340-E
Description  Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-340-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-340-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-340-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STK672-340-E
No.A1254-6/13
[CLOCK (Phase switching clock)]
• Input frequency: DC to 50kHz
• Minimum pulse width: 10μs
• Signals are read on the rising edge.
[CWB (Motor direction setting)]
The direction of rotation is switched by setting CWB to 1 (high) or 0 (low). See the timing charts for details on the
operation of the outputs.
Note: The state of the CWB input must not be changed during the 6.25
μs period before and after the rising edge of
the CLOCK input.
[ENABLE (Forcible on/off control of the A, AB, B, and BB outputs, and selection of the operate or hold state for
hybrid IC internal operation)]
ENABLE = 1 (high): Normal operation
ENABLE = 0 (low): Outputs A, AB, B, and BB forced to the off state.
If, during the state where CLOCK signal input is provided, the ENABLE pin is set to 0 (low) and then is later
restored to the 1 (high) state, the IC will resume operation with the excitation timing continued from before the point
ENABLE was set to 0 (low).
[MODE (Excitation mode selection)]
MODE = 0 (low): 2-phase excitation
MODE = 1 (high): 1-2 phase excitation
See the timing charts for details on output operation in these modes.
Note: The state of the MODE input must not be changed during the 5
μs period before and after the rising edge of the
CLOCK input.
2. Allowable motor current operating range
The motor current (IOH) must be held within the range corresponding to the area under the curve shown in figure 3.
For example, if the operating substrate temperature Tc is 105°C, then IOH must be held under IOH = 2.2A, and in
hold mode IOH must be held under IOH = 1.8A.
3. Thermal design
[Operating range in which a heat sink is not used]
This section discusses the safe operating range when no heat sink is used.
In the maximum ratings specifications, Tc max is specified to be 105°C, and when mounted in an actual end product
system, the Tc max value must never be exceeded during operation. Tc can be expressed by formula (A) below, and
thus the range for
ΔTc must be stipulated so that Tc is always under 105°C.
Tc = Ta +
ΔTc
(A)
Ta: Hybrid IC (HIC) ambient temperature,
ΔTc: Temperature increase across the aluminum substrate
As shown in figure 5, the value of
ΔTc increases as the hybrid IC internal average power dissipation PD increases.
As shown in figure 4, PD increases with the motor current. Here we describe the actual PD calculation using the
example shown in the motor current timing chart in figure 2.
Since there are periods when current flows and periods when the current is off during actual motor operation, PD
cannot be determined from the data presented in figure 4. Therefore, we calculate PD assuming that actual motor
operation consists of repetitions of the operation shown in figure 2.
Figure 2 Motor Current Timing
T1
T2
T0
T3
-IO1
IO2
IO1
Motor phase current
(sink side)
ITF02175


Similar Part No. - STK672-340-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
More results

Similar Description - STK672-340-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com