Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXD1005VLQ64 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLQ64
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLQ64 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPXD1005VLQ64 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
11
Memory load and store operations are provided for byte, halfword, and word (32-bit) data with automatic
zero or sign extension of byte and halfword load data as well as optional byte reversal of data. These
instructions can be pipelined to allow effective single cycle throughput. Load and store multiple word
instructions allow low overhead context save and restore operations. The load/store unit contains a
dedicated effective address adder to allow effective address generation to be optimized. Also, a load-to-use
dependency does not incur any pipeline bubbles for most cases.
The Condition Register unit supports the condition register (CR) and condition register operations defined
by the Power Architecture. The condition register consists of eight 4-bit fields that reflect the results of
certain operations, such as move, integer and floating-point compare, arithmetic, and logical instructions,
and provide a mechanism for testing and branching.
Vectored and autovectored interrupts are supported. Hardware vectored interrupt support is provided to
allow multiple interrupt sources to have unique interrupt handlers invoked with no software overhead.
The CPU includes support for Variable Length Encoding (VLE) instruction enhancements. This allows the
classic PowerPC instruction set to be represented by a modified instruction set made up from a mixture of
16-bit and 32-bit instructions. This results in a significantly smaller code size footprint without affecting
performance noticeably.
The CPU core is enhanced by an additional interrupt source—Non Maskable Interrupt. This interrupt
source is routed directly from package pins, via edge detection logic in the SIU to the CPU, bypassing the
Interrupt Controller completely. Once the edge detection logic is programmed, it can not be disabled,
except by reset. The Non Maskable Interrupt is, as the name suggests, completely un-maskable and when
asserted will always result in the immediate execution of the respective interrupt service routine. The Non
maskable interrupt is not guaranteed to be recoverable.
The CPU core has an additional ‘Wait for Interrupt’ instruction that is used in conjunction with low power
STOP mode. When Low Power Stop mode is selected, this instruction is executed to allow the system
clock to be stopped. An external interrupt source or the system wake-up timer is used to restart the system
clock and allow the CPU to service the interrupt.
Additional features include:
Load/store unit
— 1-cycle load latency
— Misaligned access support
— No load-to-use pipeline bubbles
Thirty-two 32-bit general purpose registers (GPRs)
Separate instruction bus and load/store bus Harvard architecture
Reservation instructions for implementing read-modify-write constructs
Multi-cycle divide (divw) and load multiple (lmw) store multiple (smw) multiple class
instructions, can be interrupted to prevent increases in interrupt latency
Extensive system development support through Nexus debug port


Similar Part No. - MPXD1005VLQ64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXD1005VLQ64 FREESCALE-MPXD1005VLQ64 Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXD1005VLQ64R FREESCALE-MPXD1005VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - MPXD1005VLQ64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com