Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXR2010VLT120R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXR2010VLT120R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR2010VLT120R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXR2010VLT120R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR2010VLT120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: PXD20
Rev. 2, 04/2012
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
PXD20
416 TEPBGA
27 mm x 27 mm
176 LQFP
24 mm x 24 mm
208 LQFP
28 mm x 28 mm
© Freescale Semiconductor, Inc., 2011–2012. All rights reserved.
Preliminary—Subject to Change Without Notice
The PXD20 represents a new generation of 32-bit
microcontrollers targeting single-chip industrial HMI
applications. PXD20 devices are part of the PX family of
Power Architecture®-based devices. This family has been
designed with an emphasis on providing cost-effective and
high quality graphics capabilities.
PXD20 devices contain 2 MB internal flash memory. Serial
flash memory and DRAM interfaces are provided to allow
even greater system flexibility.
The PXD20:
Includes 2 MB internal flash memory, 1 MB internal
graphics SRAM, and 64 KB system SRAM
Offers high processing performance operating at
speeds up to 125 MHz
Is optimized for low power consumption
The PXD20 is designed to reduce development and
production costs of TFT-based displays by providing a
single-chip solution with the processing and storage capacity
to host and execute real-time application software and drive
TFT displays directly.
The PXD20 features a 2D OpenVG 1.1 graphics accelerator,
Video Input Unit (VIU2) and two on-chip display control
units (DCU3 and DCULite) designed to drive two color TFT
displays simultaneously. The PXD20 includes a enhanced
QuadSPI serial flash controller and an optional DRAM
controller allowing graphics RAM expansion externally.
The PXD20 is compatible with the existing development
infrastructure of current Power Architecture devices and are
supported with software drivers, operating systems and
configuration code to assist with application development.
PXD20 Microcontroller Data
Sheet
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.3
Feature list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.4
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2
Pinout and signal descriptions . . . . . . . . . . . . . . . . . . . . . . . . 24
2.1
176 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 24
2.2
208 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 25
2.3
416 TEPBGA package pinout–40 to 105°C . . . . . . . . . 26
2.4
Signal description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
3
System design information . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
3.1
Power-up sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
4.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
4.2
Parameter classification . . . . . . . . . . . . . . . . . . . . . . . . 62
4.3
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 63
4.4
Recommended operating conditions . . . . . . . . . . . . . . 64
4.5
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 66
4.6
EMI (electromagnetic interference) characteristics . . . 70
4.7
Power management . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
4.8
DC electrical specifications . . . . . . . . . . . . . . . . . . . . . 75
4.9
RESET electrical characteristics . . . . . . . . . . . . . . . . . 84
4.10 Fast external crystal oscillator (4–16 MHz) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
4.11 Slow external crystal oscillator (32 KHz) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
4.12 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 88
4.13 Fast internal RC oscillator (16 MHz) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
4.14 Slow internal RC oscillator (128 kHz) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
4.15 Flash memory electrical characteristics . . . . . . . . . . . . 90
4.16 ADC parameters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
4.17 AC specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
4.18 AC timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
5
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . 128
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129


Similar Part No. - MPXR2010VLT120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - MPXR2010VLT120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com