Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPXN3020VMM2R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PPXN3020VMM2R
Description  PXS30 Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN3020VMM2R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PPXN3020VMM2R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 13Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 14Page - Freescale Semiconductor, Inc PPXN3020VMM2R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
DDR 1
DDR 2 (optional)
•SDR
The controller has the following features:
Optimized timing for 32-byte bursts and single read accesses on the AHB interface
Optimized timing for 8-byte and 16-byte bursts on the DRAMC interface
Supports priority elevation on the slave ports for single accesses
16-bit wide DRAM interface
One chip select (CS)
mDDR memory controller
— 16-bit external interface
— Address range up to 8 MB
1.5.12
Boot Assist Module (BAM)
Enables booting via serial mode (FlexCAN, LINFlex)
Handles static mode in case of an erroneous boot procedure
Implemented in 8 KB ROM
Supports Lock Step Mode (LSM) and Decoupled Parallel Mode (DPM)
1.5.13
Parallel Data Interface (PDI)
Support for external ADC and CMOS image sensors
Parallel interface operation up to MCU system bus frequency
Selectable data capture from rising or falling edge
Receive FIFO with adjustable trigger thresholds
Data width for 8, 10, 12, 14, and 16 bits
Data Packing Unit to pack input data on 64-bit words — data packed on 8- or 16- bit boundary,
depending on input data width
Binary increasing channel select that allows as many as eight channels to be selected
Frame synchronization through Vsync, Hsync, PIXCLK
1.5.14
Deserial Serial Peripheral Interface (DSPI) modules
Three Serial Peripheral Interfaces
— Full duplex communication ports with interrupt and eDMA request support
— Support for all functional modes from QSPI submodule of QSMCM (MPC5xx family)
— Support for queues in RAM
— Six chip selects, expandable to 64 with external demultiplexers
— Programmable frame size, baud rate, clock delay, and clock phase on a per-frame basis


Similar Part No. - PPXN3020VMM2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN1005VLQ120R FREESCALE-PPXN1005VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
PPXN1005VLQ120R FREESCALE-PPXN1005VLQ120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PPXN1005VLQ64R FREESCALE-PPXN1005VLQ64R Datasheet
717Kb / 130P
   PXD10 Microcontroller
PPXN1005VLQ64R FREESCALE-PPXN1005VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PPXN1005VLU120R FREESCALE-PPXN1005VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - PPXN3020VMM2R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
   PXS30 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com