Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6337QI3 Datasheet(PDF) 11 Page - Enpirion, Inc.

Part # EN6337QI3
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN6337QI3 Datasheet(HTML) 11 Page - Enpirion, Inc.

Back Button EN6337QI3 Datasheet HTML 7Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 8Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 9Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 10Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 11Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 12Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 13Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 14Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 15Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
05800
6/17/2011
Rev: B
EN6337QI
©Enpirion 2011 all rights reserved, E&OE
11
www.enpirion.com
Light Load Mode (LLM) Operation
The EN6337QI uses a proprietary light load
mode to provide high efficiency at low output
currents. When the LLM/SYNC pin is high, the
device is in automatic LLM “Detection” mode.
When the LLM/SYNC pin is low, the device is
forced into PWM mode. In automatic LLM
“Detection” mode, when a light load condition
is detected, the device will:
(1) Step VOUT up by approximately 1.0% above
the nominal operating output voltage
setting, VNOM and as low as -0.5% below
VNOM, and then
(2) Shut down unnecessary circuitry, and then
(3) Monitor VOUT.
When VOUT falls below VNOM, the device will
repeat (1), (2), and (3). The voltage step up, or
pre-positioning, improves transient droop when
a load transient causes a transition from LLM
mode to PWM mode.
If a load transient
occurs, causing VOUT to fall below the threshold
VMIN, the device will exit LLM operation and
begin normal PWM operation. Figure 5
demonstrates VOUT behavior during transition
into and out of LLM operation.
VOUT
IOUT
LLM
Ripple
PWM
Ripple
VMAX
VNOM
VMIN
Load
Step
Figure 5
: VOUT behavior in LLM operation.
Many multi-mode DCDC converters suffer from
a condition that occurs when the load current
increases only slowly so that there is no load
transient driving VOUT below the VMIN threshold.
In this condition, the device would never exit
LLM operation.
This could adversely affect
efficiency and cause unwanted ripple. To
prevent this from occurring, the EN6337QI
periodically exits LLM mode into PWM mode
and measures the load current. If the load
current is above the LLM threshold current, the
device will remain in PWM mode. If the load
current is below the LLM threshold, the device
will re-enter LLM operation. There may be a
small overshoot or undershoot in VOUT when
the device exits and re-enters LLM.
The load current at which the device will enter
LLM mode is a function of input and output
voltage, and the RLLM pin resistor. Contact
Enpirion
Applications
support
for
details
regarding the optimization of this resistor for
specific operating conditions. For PWM only
operation, the RLLM pin can be left open.
To ensure normal LLM operation, LLM mode
should be enabled and disabled with specific
sequencing. For applications with explicit LLM
pin control, enable LLM after VIN ramp up is
complete. For applications with only ENABLE
control, tie LLM to ENABLE; enable the device
after VIN ramp up is complete, and disable the
device before VIN ramp down begins. For
designs with ENABLE and LLM tied to VIN,
make sure the device soft-start time is longer
than the VIN ramp-up time. LLM will start
operating after the soft-start time is completed.
NOTE:
For
proper
LLM
operation
the
EN6337QI requires a minimum difference
between VIN and VOUT, and a minimum LLM
load requirement as specified in the Electrical
Characteristics
Table.
For
LLM
designs
requiring lower voltage headroom or a lower
minimum load, contact Enpirion Applications
support.
Over-Current Protection
The current limit function is achieved by
sensing the current flowing through the Power
PFET. When the sensed current exceeds the
over current trip point, both power FETs are
turned off for the remainder of the switching
cycle. If the over-current condition is removed,
the over-current protection circuit will enable
normal PWM operation. If the over-current
condition persists, the soft start capacitor will
gradually discharge causing the output voltage
to fall. When the OCP fault is removed, the
output voltage will ramp back up to the desired
voltage. This circuit is designed to provide high
noise immunity.


Similar Part No. - EN6337QI3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
More results

Similar Description - EN6337QI3

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com