Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXR2010VVU80R Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXR2010VVU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR2010VVU80R Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXR2010VVU80R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXR2010VVU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
6
— Interfaces to external, memory-mapped serial flash memories
— Supports simultaneous addressing of 2 external serial flashes to achieve up 80 MB/s read bandwidth
RLE decoder supporting memory to memory decoding of RLE data in conjunction with eDMA
Four local interconnect network (LINFlex) controller modules
— Capable of autonomous message handling (master), autonomous header handling (slave mode), and UART
support
— Compliant with LIN protocol rev 2.1
Three controller-area network (FlexCAN) modules
— Compliant with the CAN protocol version 2.0 C
— 64 configurable buffers
— Programmable bit rate of up to 1 Mb/s
Four Inter-Integrated Circuit (I2C) internal bus controllers with master/slave bus interface
Low-power loop controlled pierce crystal oscillator supporting 4–16MHz external crystal or resonator
Real Time Counter (RTC) with clock source from internal 128 kHz or 16 MHz oscillator supporting autonomous
wake-up with 1 ms resolution with maximum timeout of 2 seconds
— Support for real time counter (RTC) with clock source from external 32 KHz crystal oscillator, supporting
wake-up with 1 s resolution and maximum timeout of one hour
— RTC optionally clocked by fast 4–16 MHz external oscillator
System timers:
— Four-channel 32-bit System Timer Module (STM)
— Eight-channel 32-bit Periodic Interrupt Timer (PIT) module (including ADC trigger)
— Software Watchdog Timer (SWT)
System Integration Unit Lite (SIUL) module to manage external interrupts, GPIO and pad control
System Status and Configuration Module (SSCM)
— Provides information for identification of the device, last boot mode, or debug status
— Provides an entry point for the censorship password mechanism
Clock Generation Module (MC_CGM) to generate system clock sources and provide a unified register interface,
enabling access to all clock sources
Clock Monitor Unit (CMU)
— Monitors the integrity of the fast (4–16 MHz) external crystal oscillator and the primary FMPLL (FMPLL0)
— Acts as a frequency meter, measuring the frequency of one clock source and comparing it to a reference clock
Mode Entry Module (MC_ME)
— Controls the device power mode, i.e., RUN, HALT, STOP, or STANDBY
— Controls mode transition sequences
— Manages the power control, voltage regulator, clock generation and clock management modules
Power Control Unit (MC_PCU) to implement standby mode entry/exit and control connections to power domains
Reset Generation Module (MC_RGM) to manage reset assertion and release to the device at initial power-up
Nexus Development Interface (NDI) per IEEE-ISTO 5001-2008 Class 3 standard with additional Class 4 features:
— Watchpoint Triggering
— Processor Overrun Control
Device/board boundary-scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
On-chip voltage regulator controller for regulating the 3.3–5 V supply voltage down to 1.2 V for core logic (requires
external ballast transistor)
Package:1
— 176 LQFP, 0.5 mm pitch, 24 mm
 24 mm outline
1. See the device comparison table for package offerings for each device in the family.


Similar Part No. - MPXR2010VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXR2010VMM120R FREESCALE-MPXR2010VMM120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - MPXR2010VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com