Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6337QI Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EN6337QI
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN6337QI Datasheet(HTML) 2 Page - Enpirion, Inc.

  EN6337QI Datasheet HTML 1Page - Enpirion, Inc. EN6337QI Datasheet HTML 2Page - Enpirion, Inc. EN6337QI Datasheet HTML 3Page - Enpirion, Inc. EN6337QI Datasheet HTML 4Page - Enpirion, Inc. EN6337QI Datasheet HTML 5Page - Enpirion, Inc. EN6337QI Datasheet HTML 6Page - Enpirion, Inc. EN6337QI Datasheet HTML 7Page - Enpirion, Inc. EN6337QI Datasheet HTML 8Page - Enpirion, Inc. EN6337QI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
05800
6/17/2011
Rev: B
EN6337QI
©Enpirion 2011 all rights reserved, E&OE
2
www.enpirion.com
Figure 2: Typical Application Schematic (PWM mode)
Ordering Information
Part Number
Temp Rating
(°C)
Package
EN6337QI
-40 to +85
38-pin QFN T&R
EN6337QI3
-40 to +85
38-pin QFN T&R
EN6337QI-E
QFN Evaluation Board
Pin Assignments (Top View)
Figure 3: Top View Pinout Diagram (Not to Scale)
NOTE: All perimeter pins must be soldered to PCB.
Pin Description
PIN
NAME
FUNCTION
1-2, 12,
34-38
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. They are not to be electrically connected to any external signal, ground,
or voltage. Failure to follow this guideline may result in damage to the device.
3-4,
22-25
NC
NO CONNECT – These pins may be internally connected. Do not connect to each other or
to any other electrical signal. Failure to follow this guideline may result in device damage.
5-11
VOUT
Regulated converter output. Connect these pins to the load and place output capacitor
between these pins and PGND pins 13-15.
13-18
PGND
Input/Output power ground. Connect these pins to the ground electrode of the input and
output filter capacitors. See VOUT and PVIN pin descriptions for more details.
19-21
PVIN
Input power supply. Connect to input power supply. Decouple with input capacitor to
PGND pins 16-18.
26
LLM/SYNC
Dual function pin providing LLM Enable and External Clock Synchronization (see
Application Section). At static Logic HIGH, device will allow automatic engagement of light
load mode. At static logic LOW, the device is forced into PWM only. A clocked input to this
pin will synchronize the internal switching frequency to the external signal. If this pin is left
floating, it will pull to a static logic high, enabling LLM.
27
ENABLE
Input Enable. Applying logic high enables the output and initiates a soft-start. Applying
logic low disables the output.
28
POK
Power OK is an open drain transistor used for power system state indication. POK is logic
high when VOUT is within -10% of VOUT nominal.
29
RLLM
Programmable LLM engage resistor to AGND allows for adjustment of load current at which
Light-Load Mode engages. Can be left open for PWM only operation.
30
SS
Soft-Start node. The soft-start capacitor is connected between this pin and AGND. The
value of this capacitor determines the startup time.
31
VFB
External Feedback Input. The feedback loop is closed through this pin. A voltage divider at
VOUT is used to set the output voltage. The midpoint of the divider is connected to VFB. A
phase lead capacitor from this pin to VOUT is also required to stabilize the loop.
32
AGND
Analog Ground. This is the controller ground return. Connect to a quiet ground.
33
AVIN
Input power supply for the controller. Connect to input voltage at a quiet point.
39
PGND
Device thermal pad to be connected to the system GND plane. See Layout
Recommendations section.


Similar Part No. - EN6337QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
More results

Similar Description - EN6337QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com