Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXS2005VVU80R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXS2005VVU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2005VVU80R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXS2005VVU80R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXS2005VVU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
1.3
Feature list
Dual-issue, 32-bit Power Architecture Book E compliant CPU core complex (e200z4d)
— Memory Management Unit (MMU)
— 4 KB, 2/4-way instruction cache
2 MB on-chip ECC flash memory with:
— Flash memory controller
— Prefetch buffers
64 KB on-chip ECC SRAM
1 MB on-chip non-ECC graphics SRAM with two-port graphics SRAM controller
Memory Protection Unit (MPU) with up to 16 region descriptors and 32-byte region granularity to provide basic
memory access permission and ensure separation between different codes and data
Interrupt Controller (INTC) with 181 peripheral interrupt sources and eight software interrupts
Two Frequency-Modulated Phase-Locked Loops (FMPLLs)
— Primary FMPLL (FMPLL0) provides a system clock up to 125 MHz
— Auxiliary FMPLL (FMPLL1) is available for use as an alternate, modulated or non-modulated clock source to
eMIOS modules, QuadSPI and as alternate clock to the DCU and DCU-Lite for pixel clock generation
Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from multiple bus
masters
16-channel Enhanced Direct Memory Access controller (eDMA) with multiple transfer request sources using a DMA
channel multiplexer
Boot Assist Module (BAM) with 8 KB dedicated ROM for embedded boot code supports boot options including
download of boot code via a serial link (CAN or SCI)
Two Display Control Units (DCU3 and DCULite) for direct drive of up to two TFT LCD displays up to XGA
resolution
Timing Controller (TCON) and RSDS interface for the DCU3 module
2D OpenVG 1.1 and raster graphics accelerator (GFX2D)
Video Input Unit (VIU2) supporting 8/10-bit ITU656 video input, YUV to RGB conversion, video down-scaling,
de-interlacing, contrast adjustment and brightness adjustment.
DRAM controller supporting DDR1, DDR2, LPDDR1 and SDR DRAMs
Stepper Motor Controller (SMC)
— High-current drivers for as many as six stepper motors driven in full dual H-bridge configuration
— Stepper motor return-to-zero and stall detection module
— Stepper motor short circuit detection
Sound Generator Module (SGM)
— 4-channel mixer
— Supports PCM wave playback and synthesized tones
— Optional PWM or I2S outputs
Two 16-channel Enhanced Modular Input Output System (eMIOS) modules
— Support a range of 16-bit Input Capture, Output Compare, Pulse Width Modulation and Quadrature Decode
functions
10-bit Analog-to-Digital Converter (ADC) with a maximum conversion time of 1
s
— Up to 20 internal channels
— Up to 8 external channels
Three Deserial Serial Peripheral Interface (DSPI) modules for full-duplex, synchronous, communications with
external devices
QuadSPI serial flash memory controller
— Supports single, dual and quad IO serial flash memory


Similar Part No. - MPXS2005VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXS2005VLQ120R FREESCALE-MPXS2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXS2005VLQ120R FREESCALE-MPXS2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXS2005VLQ80 FREESCALE-MPXS2005VLQ80 Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXS2005VLQ80 FREESCALE-MPXS2005VLQ80 Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXS2005VLQ80R FREESCALE-MPXS2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - MPXS2005VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com