Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXD2010VLU80R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXD2010VLU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2010VLU80R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXD2010VLU80R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD2010VLU80R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
— 208 LQFP, 0.5 mm pitch, 28 mm
 28 mm outline
— 416 TEPBGA, 1mm ball pitch, 27 mm
 27 mm outline
1.4
Feature details
1.4.1
Low-power operation
The PXD20 is designed for optimized low-power operation and dynamic power management of the CPU and peripherals.
Power management features include software-controlled clock gating of peripherals and multiple power domains to minimize
leakage in low-power modes.
There are three low-power modes:
STANDBY
•STOP
HALT
and five dynamic power modes — RUN[0..3] and DRUN. All low-power modes use clock gating to halt the clock for all or part
of the device.
STANDBY mode turns off the power to the majority of the chip to offer the lowest power consumption mode.
The device can be awakened from STANDBY mode via from any of up to 23 I/O pins, a reset or from a periodic wake-up using
a low power oscillator. If required, it is possible to enable the internal 16 MHz oscillator, the external 4–16 MHz oscillator and
the external 32 KHz oscillator.
In STANDBY mode the contents of the CPU, on-chip peripheral registers and potentially some of the volatile memory are lost.
The two possible configurations in STANDBY mode are:
The device retains 64 KB of the on-chip SRAM, but the content of the graphics SRAM is lost.
The device retains 8 KB of the on-chip SRAM, but the content of the graphics SRAM is lost.
STOP mode maintains power to the entire device allowing the retention of all on-chip registers and memory, and providing a
faster recovery low power mode than the lowest-power STANDBY mode. There is no need to reconfigure the device before
executing code. The clocks to the CPU and peripherals are halted and can be optionally stopped to the oscillator or PLL at the
expense of a slower start-up time.
STOP is entered from RUN mode only. Wake-up from STOP mode is triggered by an external event or by the internal periodic
wake-up, if enabled.
RUN modes are the main operating modes where the entire device can be powered and clocked and from which most processing
activity is done. Four dynamic RUN modes are supported—RUN0 - RUN3. The ability to configure and select different RUN
modes enables different clocks and power configurations to be supported with respect to each other and to allow switching
between different operating conditions. The necessary peripherals, clock sources, clock speed and system clock prescalers can
be independently configured for each of the four RUN modes of the device.
HALT mode is a reduced activity, low power mode intended for moderate periods of lower processing activity. In this mode the
CPU system clocks are stopped but user-selected peripheral tasks can continue to run. It can be configured to provide more
efficient power management features (switch-off PLL, flash memory, main regulator, etc.) at the cost of longer wake up latency.
The system returns to RUN mode as soon as an event or interrupt is pending.
Table 2 summarizes the operating modes of the PXD20.


Similar Part No. - MPXD2010VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXD2010VLQ120R FREESCALE-MPXD2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXD2010VLQ120R FREESCALE-MPXD2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXD2010VLQ80R FREESCALE-MPXD2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXD2010VLQ80R FREESCALE-MPXD2010VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - MPXD2010VLU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com