Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXN1005VLU120R Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXN1005VLU120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXN1005VLU120R Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXN1005VLU120R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXN1005VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PXD10 Product Brief, Rev. 1
Application Examples
Freescale Semiconductor
2
TFT displays driven via the on-chip Display Control Unit (DCU). See Table 1 for specific memory and
feature sets of the product family members.
The PXD10 family benefits from the extensive development infrastructure for Power Architecture
devices, which is already well established. This includes full support from available software drivers,
operating systems, and configuration code to assist with users’ implementations. See Section 3, Developer
support, for more information.
1
Application Examples
The PXD10 family’s integrated display and motor control capability makes it suitable for applications such
as:
Factory display units
Building control display units
Ruggedized displays
Industrial instrumentation
Multi-stepper motor control
2Features
This section describes the features of the PXD10 family.
2.1
PXD10 Features
Table 1 displays the PXD10 feature set.
Table 1. PXD10 family feature set
Feature
PXD1005
PXD1010
CPU
e200z0h
Execution speed
Static – 64 MHz
Flash (ECC)
512 KB
1 MB
EEPROM Emulation Block (ECC)
4 × 16 KB
RAM (ECC)
48 KB
Graphics RAM
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit (DCU)
No
Yes
Parallel Data Interface
No
Yes
Stepper Motor Controller (SMC)
6 motors


Similar Part No. - MPXN1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXN1005VLU120R FREESCALE-MPXN1005VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - MPXN1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com