Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXR2010VLT80R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXR2010VLT80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR2010VLT80R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXR2010VLT80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXR2010VLT80R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
10
Seven master ports:
— e200z4d core instruction port
— e200z4d core complex load/store data port
— eDMA controller
—DCU
— DCU-Lite
—VIU
— 2D Graphics Accelerator (GFX2D)
Seven slave ports:
— Platform Flash Controller (2 Ports)
— Platform SRAM Controller
— Graphics SRAM Controller (2 Ports)
— QuadSPI serial flash Controller and RLE Decoder
— Peripheral Bridge
32-bit internal address bus, 64-bit internal data bus
Programmable Arbitration Priority
— Requesting masters can be treated with equal priority and will be granted access to a slave port in round-robin
fashion, based upon the ID of the last master to be granted access or a priority order can be assigned by software
at application run time
Temporary dynamic priority elevation of masters
1.4.4
Enhanced Direct Memory Access (eDMA)
The eDMA module is a controller capable of performing complex data movements via 16 programmable channels, with
minimal intervention from the host processor. The hardware micro architecture includes a DMA engine which performs source
and destination address calculations, and the actual data movement operations, along with an SRAM-based memory containing
the transfer control descriptors (TCD) for the channels. This implementation is utilized to minimize the overall block size. The
eDMA module provides the following features:
16 channels support independent 8-, 16- or 32-bit single value or block transfers
Supports variable sized queues and circular queues
Source and destination address registers are independently configured to post-increment or remain constant
Each transfer is initiated by a peripheral, CPU, periodic timer interrupt or eDMA channel request
Each DMA channel can optionally send an interrupt request to the CPU on completion of a single value or block
transfer
DMA transfers possible between system memories, QuadSPI, RLE Decoder, SPIs, I2C, ADC, eMIOS and General
Purpose I/Os (GPIOs)
Programmable DMA Channel Mux allows assignment of any DMA source to any available DMA channel with up to
a total of 64 potential request sources.
1.4.5
Interrupt Controller (INTC)
The INTC (interrupt controller) provides priority-based preemptive scheduling of interrupt requests, suitable for statically
scheduled hard real-time systems.
For high priority interrupt requests, the time from the assertion of the interrupt request from the peripheral to when the processor
is executing the interrupt service routine (ISR) has been minimized. The INTC provides a unique vector for each interrupt
request source for quick determination of which ISR needs to be executed. It also provides an ample number of priorities so that


Similar Part No. - MPXR2010VLT80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ120R FREESCALE-MPXR2010VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXR2010VLQ80R FREESCALE-MPXR2010VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - MPXR2010VLT80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com