Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXR1010VLU120R Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXR1010VLU120R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXR1010VLU120R Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXR1010VLU120R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXR1010VLU120R Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
6
— As many as 38 frontplane drivers and six backplane drivers
Stepper Motor Controller (SMC) module with high-current drivers for as many as six stepper
motors driven in full dual H-Bridge configuration including full diagnostics for short circuit
detection
Stepper motor return-to-zero and stall detection module
Sound generation and playback utilizing PWM channels and eDMA; supports monotonic and
polyphonic sound
24 eMIOS channels providing as many as 16 PWM and 24 input capture / output compare channels
10-bit Analog-to-Digital Converter (ADC)
— Maximum conversion time of 1 µs
— As many as 16 internal channels, expandable to 23 via external multiplexing
As many as two Serial Peripheral Interface (DSPI) modules for full-duplex, synchronous,
communications with external devices (extendable to include up to 8 multiplexed external
channels)
QuadSPI serial flash memory controller supporting single, dual and quad modes of operation to
interface to external serial flash memory. QuadSPI can be configured to function as another DSPI
module.
Two Local Interconnect Network Flexible (LINFlex) controller modules capable of autonomous
message handling (master), autonomous header handling (slave mode), and UART support.
Compliant with LIN protocol rev 2.1
Two full CAN 2.0B controllers with 64 configurable buffers each; bit rate programmable as fast as
1 Mbit/s
As many as four inter-integrated circuit (I2C) internal bus controllers with master/slave bus
interface
As many as 133 configurable general purpose pins supporting input and output operations
Real Time Counter (RTC) with multiple clock sources:
— 128 kHz slow internal RC oscillator or 16 MHz fast internal RC oscillator supporting
autonomous wakeup with 1 ms resolution with maximum timeout of 2 seconds
— 32 KHz slow external crystal oscillator, supporting wakeup with 1 s resolution and maximum
timeout of one hour
— 4–16 MHz fast external crystal oscillator
System timers:
— Four-channel 32-bit System Timer Module (STM)—included in processor platform
— Four-channel 32-bit Periodic Interrupt Timer (PIT) module
— Software Watchdog Timer (SWT)
System Integration Unit (SIU) module to manage resets, external interrupts, GPIO and pad control
System Status and Configuration Module (SSCM) to provide information for identification of the
device, last boot mode, or debug status and provides an entry point for the censorship password
mechanism


Similar Part No. - MPXR1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXR1010VLU120R FREESCALE-MPXR1010VLU120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - MPXR1010VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com