Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXS1010VLU64R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXS1010VLU64R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS1010VLU64R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXS1010VLU64R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXS1010VLU64R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
8
Additional notes on low power operation:
Fast wake-up using the on-chip 16 MHz internal RC oscillator allows rapid execution from RAM
on exit from low power modes
The 16 MHz internal RC oscillator supports low speed code execution and clocking of peripherals
when it is selected as the system clock and can also be used as the PLL input clock source to
provide fast start-up without the external oscillator delay
PXD10 devices include an internal voltage regulator that includes the following features:
— Regulates input to generate all internal supplies
— Manages power gating
— Low power regulators support operation when in STOP and STANDBY modes to minimize
power consumption
— Startup on-chip regulators in <50 µs for rapid exit of STOP and STANDBY modes
— Low voltage detection on main supply and 1.2 V regulated supplies
2.4.2
e200z0h core processor
The e200z0h processor is similar to other processors in the e200zx series but supports only the VLE
instruction set and does not include the signal processing extension for DSP applications or a floating point
unit.
The e200z0h has all the features of the e200z0 plus:
Branch acceleration using Branch Target Buffer (BTB)
Supports independent instruction and data accesses to different memory subsystems, such as
SRAM and Flash memory via independent Instruction and Data BIUs
The e200z0h processor uses a four stage in-order pipeline for instruction execution. The Instruction Fetch
(stage 1), Instruction Decode/Register file Read/Effective Address Calculation (stage 2), Execute/Memory
Access (stage 3), and Register Writeback (stage 4) stages operate in an overlapped fashion, allowing single
clock instruction execution for most instructions.
The integer execution unit consists of a 32-bit Arithmetic Unit (AU), a Logic Unit (LU), a 32-bit Barrel
shifter (Shifter), a Mask-Insertion Unit (MIU), a Condition Register manipulation Unit (CRU), a
Count-Leading-Zeros unit (CLZ), an 8 × 32 Hardware Multiplier array, result feed-forward hardware, and
a hardware divider.
Most arithmetic and logical operations are executed in a single cycle with the exception of the divide and
multiply instructions. A Count-Leading-Zeros unit operates in a single clock cycle. The Instruction Unit
contains a PC incrementer and a dedicated Branch Address adder to minimize delays during change of
flow operations. Branch target prefetching from the BTB is performed to accelerate certain taken branches.
Sequential prefetching is performed to ensure a supply of instructions into the execution pipeline. Branch
target prefetching is performed to accelerate taken branches. Prefetched instructions are placed into an
instruction buffer capable of holding four instructions.


Similar Part No. - MPXS1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXS1010VLU64R FREESCALE-MPXS1010VLU64R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - MPXS1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com