Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPXN4030VVU264R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PPXN4030VVU264R
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN4030VVU264R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PPXN4030VVU264R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 13Page - Freescale Semiconductor, Inc PPXN4030VVU264R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
10
The following features are implemented:
Four independent timer channels
Each channel includes 32-bit wide down counter with automatic reload
Three channels clocked from system clock
One channel clocked from crystal clock (wake-up timer)
Wake-up timer remains active when system enters stop mode. Used to restart system clock after
predefined time-out period
Each channel can optionally generate interrupt request when timer reaches zero
Channels can optionally produce trigger event when timer reaches zero (used to trigger eQADC
queues)
2.5.9
System timer module (STM)
The system timer module (STM) is a 32-bit timer designed to support commonly required operating
system and application software timing functions. The STM includes a 32-bit up counter and four 32-bit
compare channels with a separate interrupt source for each channel.
The following features are implemented:
One 32-bit up counter with 8-bit prescaler
Four 32-bit compare channels
Independent interrupt source for each channel
Counter can be stopped in debug mode
2.5.10
Enhanced queued analog to digital converter (eQADC)
The enhanced queued analog to digital converter (eQADC) block provides accurate and fast conversions
for a wide range of applications. The two eQADCs on the PXR40 provide a parallel interface to four
on-chip analog to digital converters (ADC), and a single-master to single-slave serial interface to an
off-chip external device.
The ADCs include features designed to allow the direct connection of high impedance acoustic sensors
that might be used in a system for detecting engine knock. These features include differential inputs;
integrated variable gain amplifiers for increasing the dynamic range; programmable pullup and pulldown
resistors for biasing and sensor diagnostics.
eQADC_B also integrates four programmable decimation filters capable of taking in ADC conversion
results at a high rate, passing them through a hardware low-pass filter, then down-sampling the output of
the filter and feeding the lower sample rate results to the result FIFOs. This allows the ADCs to sample
the sensor at a rate high enough to avoid aliasing of out-of-band noise, while providing a reduced sample
rate output to minimize the amount of DSP processing bandwidth required to fully process the digitized
waveform.
The eQADCs provide the following features:
Quad on-chip ADCs


Similar Part No. - PPXN4030VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN4030VVU264R FREESCALE-PPXN4030VVU264R Datasheet
720Kb / 100P
   PXR40 Microcontroller
More results

Similar Description - PPXN4030VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
[Old version datasheet]   TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
[Old version datasheet]   TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
[Old version datasheet]   TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com