Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXN2020VMG116 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXN2020VMG116
Description  32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXN2020VMG116 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPXN2020VMG116 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXN2020VMG116 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Features
PXN20 Product Brief, Rev. 1
Freescale Semiconductor
7
– In Sleep mode the 32 kHz XTAL can be enabled to run and may be selected to clock the
RTC and API
Up to 32 external pins for wake-up from low power modes
Input filters available on all wake-up pins to minimize false wakeups due to noise
Rapid exit from low power mode with fast startup internal voltage regulator
2.5
Packages
PXN20 family members are offered in the following package types:
208-ball MAPBGA, 1mm ball pitch, 17mm
 17mm outline for production
256-ball MAPBGA 1mm ball pitch 17mm
 17mm outline for emulation, providing access to full
Nexus port without sacrificing GPIO functionality (not available for production)
2.6
Module Features
The following sections provide details of the modules implemented on the PXN20 family.
2.6.1
High Performance e200z650 Core Processor (CPU)
32-bit CPU built on Power Architecture® technology
Freescale Variable Length Encoding (VLE) enhancements for code size footprint reduction
Thirty-two 64-bit general-purpose registers (GPRs)
Memory management unit (MMU) with 32-entry fully-associative translation look-aside buffer
(TLB)
Branch processing unit
Fully pipelined load/store unit
32 KB unified cache with line locking
— 4/8-way set associative
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports assigning cache as instruction or data only on a per way basis
— Supports tag and data parity
Vectored interrupt support
Very low interrupt latency
Reservation instructions for implementing read-modify-write constructs (internal SRAM and
flash)
Signal processing engine (SPE) auxiliary processing unit (APU) operating on 64-bit general
purpose registers
Floating point


Similar Part No. - MPXN2020VMG116

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXN2005VLQ120R FREESCALE-MPXN2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXN2005VLQ120R FREESCALE-MPXN2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXN2005VLQ80R FREESCALE-MPXN2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
MPXN2005VLQ80R FREESCALE-MPXN2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
MPXN2005VLT120R FREESCALE-MPXN2005VLT120R Datasheet
778Kb / 130P
   PXD20 Microcontroller
More results

Similar Description - MPXN2020VMG116

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
TWR-PXS3020 FREESCALE-TWR-PXS3020 Datasheet
460Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Industrial Control and Safety Applications
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
   High-performance 32-bit core built on Power Architecture짰 technology.
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com