Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXN2020VMG116R Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SPXN2020VMG116R
Description  32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN2020VMG116R Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SPXN2020VMG116R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN2020VMG116R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PXN20 Product Brief, Rev. 1
Application Examples
Freescale Semiconductor
2
the PXN21 has 128 KB on-chip L2 SRAM. Refer to Table 1 for specific memory and feature sets of the
family members.
1
Application Examples
The PXN20 can be used for a variety of communication applications, such as industrial gateways and
process control.
2Features
This section describes the features of the PXN20 devices.
2.1
PXN20 Features
Table 1 provides a summary of the different members of the PXN20 family and their features.
Table 1. PXN20 Family Feature Set
Feature
PXN20
PXN21
Central Processing Unit (CPU)
e200z650
e200z650
Cache
32K, 4/8way
32K, 4/8way
Floating Point Unit (FPU)
Yes
Yes
Signal Processing Engine (SPE)
Yes
Yes
Memory Management Unit (MMU)
32 entry
32 entry
CPU Execution Speed
Static, 116 MHz
Static, 116 MHz
Input/Output Processor (IOP)
e200z0
e200z0
IOP Execution Speed
1/2 CPU execution speed
1/2 CPU execution speed
Flash with ECC
2 MB
2 MB
Data Flash Block
8x16 KB
8x16 KB
RAM with ECC
592 KB
128 KB
Memory Protection Unit (MPU)
No
16 entry
Direct Memory Access Unit (eDMA)
16 Channel
32 Channel
Ethernet (FEC)
Yes
No
MediaLB (MLB-DIM)
Yes
No
FlexRay Controller
Yes (128 Message Buffers)
No
Analog-to-Digital Converter (ADC)
36 internal channels, 10-bit
Supports 32 external channels
64 internal channels, 10-bit
Supports 32 external channels
Total Timer I/O (eMIOS200)
24 channels, 16-bit
32 channels, 16-bit
Cross Trigger Unit (CTU)
No
Yes
Asynchronous Serial Interfaces (UART)
6
12
Synchronous Serial Interfaces (SPI)
4
4


Similar Part No. - SPXN2020VMG116R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN2005VLQ120R FREESCALE-SPXN2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXN2005VLQ120R FREESCALE-SPXN2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
SPXN2005VLQ80R FREESCALE-SPXN2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
SPXN2005VLQ80R FREESCALE-SPXN2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
SPXN2005VLT120R FREESCALE-SPXN2005VLT120R Datasheet
778Kb / 130P
   PXD20 Microcontroller
More results

Similar Description - SPXN2020VMG116R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
TWR-PXS3020 FREESCALE-TWR-PXS3020 Datasheet
460Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Industrial Control and Safety Applications
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
   High-performance 32-bit core built on Power Architecture짰 technology.
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com