Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8415CB Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV8415CB
Description  Blurring correction driver IC for DSC H bridge2ch driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8415CB Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LV8415CB_12 Datasheet HTML 4Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 5Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 6Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 7Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 8Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 9Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 10Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 11Page - Sanyo Semicon Device LV8415CB_12 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LV8415CB
No.A1787-8/12
Serial logic map
PWMh - bridge relation serial map
Input
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
Setting mode
Set content
Remarks
*
*
0
0
0
0
0
0
0
0
0
0
100%
*
*
1
0
0
0
0
0
0
0
0
0
511/512
× 100%
*
*
0
1
0
0
0
0
0
0
0
0
510/512
× 100%
*
*
0
1
1
1
1
1
1
1
1
0
2/512
× 100%
*
*
1
1
1
1
1
1
1
1
1
0
1/512
× 100%
Reverse
*
*
0
0
0
0
0
0
0
0
0
1
0%
Middle
point
*
*
1
0
0
0
0
0
0
0
0
1
1/512
× 100%
*
*
0
1
0
0
0
0
0
0
0
1
2/512
× 100%
*
*
1
0
1
1
1
1
1
1
1
1
509/512
× 100%
*
*
0
1
1
1
1
1
1
1
1
1
510/512
× 100%
0
0
0
0
*
*
1
1
1
1
1
1
1
1
1
1
1ch PWM Duty set
511/512
× 100%
Normal
rotation
*
*
0
0
0
0
0
0
0
0
0
0
100%
*
*
1
0
0
0
0
0
0
0
0
0
511/512
× 100%
*
*
0
1
0
0
0
0
0
0
0
0
510/512
× 100%
*
*
0
1
1
1
1
1
1
1
1
0
2/512
× 100%
*
*
1
1
1
1
1
1
1
1
1
0
1/512
× 100%
Reverse
*
*
0
0
0
0
0
0
0
0
0
1
0%
Middle
point
*
*
1
0
0
0
0
0
0
0
0
1
1/512
× 100%
*
*
0
1
0
0
0
0
0
0
0
1
2/512
× 100%
*
*
1
0
1
1
1
1
1
1
1
1
509/512
× 100%
*
*
0
1
1
1
1
1
1
1
1
1
510/512
× 100%
1
0
0
0
*
*
1
1
1
1
1
1
1
1
1
1
2ch PWM Duty set
511/512
× 100%
Normal
rotation
0
0
0
0
0
0
0
0
*
*
*
*
0V
1
0
0
0
0
0
0
0
*
*
*
*
1/255
× VREF
0
1
0
0
0
0
0
0
*
*
*
*
2/255
× VREF
*
*
*
*
1
0
1
1
1
1
1
1
*
*
*
*
253/255
× VREF
0
1
1
1
1
1
1
1
*
*
*
*
254/255
× VREF
0
1
0
0
1
1
1
1
1
1
1
1
*
*
*
*
1ch hall bias set
(8bit DAC)
VREF
0
0
0
0
0
0
0
0
*
*
*
*
0V
1
0
0
0
0
0
0
0
*
*
*
*
1/255
× VREF
0
1
0
0
0
0
0
0
*
*
*
*
2/255
× VREF
*
*
*
*
1
0
1
1
1
1
1
1
*
*
*
*
253/255
× VREF
0
1
1
1
1
1
1
1
*
*
*
*
254/255
× VREF
1
1
0
0
1
1
1
1
1
1
1
1
*
*
*
*
2ch hall bias set
(8bit DAC)
VREF
0
0
0
0
0
0
0
0
*
*
*
*
0V
1
0
0
0
0
0
0
0
*
*
*
*
1/255
× VCC
0
1
0
0
0
0
0
0
*
*
*
*
2/255
× VCC
*
*
*
*
1
0
1
1
1
1
1
1
*
*
*
*
253/255
× VCC
0
1
1
1
1
1
1
1
*
*
*
*
254/255
× VCC
0
0
1
0
1
1
1
1
1
1
1
1
*
*
*
*
1ch hall amplifier
offset adjustment
(8bit DAC)
VCC
0
0
0
0
0
0
0
0
*
*
*
*
0V
1
0
0
0
0
0
0
0
*
*
*
*
1/255
× VCC
0
1
0
0
0
0
0
0
*
*
*
*
2/255
× VCC
*
*
*
*
1
0
1
1
1
1
1
1
*
*
*
*
253/255
× VCC
0
1
1
1
1
1
1
1
*
*
*
*
254/255
× VCC
1
0
1
0
1
1
1
1
1
1
1
1
*
*
*
*
2ch hall amplifier
offset adjustment
(8bit DAC)
VCC
The PWMh-bridge driver's ON/OFF operation is done with the ST pin.


Similar Part No. - LV8415CB_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8415CB SANYO-LV8415CB Datasheet
167Kb / 12P
   Blurring correction driver IC for DSC H bridge x 2ch driver
More results

Similar Description - LV8415CB_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8415CB SANYO-LV8415CB Datasheet
167Kb / 12P
   Blurring correction driver IC for DSC H bridge x 2ch driver
logo
ON Semiconductor
LV8415XA ONSEMI-LV8415XA Datasheet
291Kb / 13P
   Blurring correction driver
January, 2014
logo
Asahi Kasei Microsystem...
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
   42CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
   42CH serial input motor driver IC for DSC
logo
NEC
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1023 AKM-AP1023 Datasheet
627Kb / 15P
   2ch H-Bridge Constant Voltage Control Motor Driver IC
AP1023AEN AKM-AP1023AEN Datasheet
627Kb / 15P
   2ch H-Bridge Constant Voltage Control Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com