Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS414HR-VE5R Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS414HR-VE5R
Description  COIN TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS414HR-VE5R Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  PAS414HR-VE5R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS414HR-VE5R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS414HR-VE5R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS414HR-VE5R Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
197
11
capacitor01_e-01
Part Number
311HR
409HR
414HR
1. Operating Temp. Range
-20~+60℃
2.Max. Usable Voltage
3.3V
3.Initial Capacitance (F)
Over 0.02
Over 0.022
Over 0.03
4.Initial Capacity (μAh)
Over 6
Over 7
Over 10
5.Initial Internal Resistance (Ω)
Under 500
Under 300
Under 250
6.Max. Discharge Current (μA)
10
20
20
7. Temperature Characteristics
Highest temperature (60℃)
Capacity : Over 90% of initial spec.
Lowest temperature (ー20℃)
Capacity : Over 50% of initial spec.
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
FEATURES
SPECIFICATIONS
PART NUMBERS
HR Type
Reflowable with lead-free condition
(Refer to Reliability Data for recommendable reflow pattern)
Voltage can be set up freely below 3.3V
ELECTRICAL CHARACTERISTICS
Charging characteristics
Discharging characteristics
Temperature characteristics
PAS414HR
Time〔min〕
2.5
3.5
3
2
1.5
1
0.5
0
0.01
0.1
100
1
10
100Ω
500Ω
1KΩ
Time〔min〕
3.0
3.2
3.4
2.8
2.6
2.4
2.2
0.1
1
1000
10
100
20μA
10μA
2μA
Temperature〔℃〕
120
100
80
60
40
20
0
−40
20
40
60
80
−20
0
FEATURES
SPECIFICATIONS
SR Type
Part Number
311SR
414SR
1. Operating Temp. Range
-25~+70℃
2.Max. Usable Voltage
2.6V
2.5V
3.Initial Capacitance (F)
Over 0.025
Over 0.05
4.Initial Capacity (μAh)
Over 8
Over 13
5.Initial Internal Resistance (Ω)
Under 120
Under 120
6.Max. Discharge Current (μA)
10
20
7. Temperature Characteristics
Highest temperature (70℃)
Capacitance : Over 90% of initial spec.
Lowest temperature (ー25℃)
Capacitance : Over 50% of initial spec.
Reflowable with lead-free condition
(Refer to Reliability Data for recommendable reflow pattern)
Voltage can be set up freely 2.5V for PAS414SR and 2.6V for PAS311SR
ELECTRICAL CHARACTERISTICS
PAS414SR
Time〔min〕
2.5
3
2
1.5
1
0.5
0
0.1
100
0
10
100Ω
500Ω
1KΩ
Time〔min〕
20μA
10μA
2μA
2.2
2.4
2.6
2.0
1.8
1.6
1.4
1
10
1000
100
Temperature〔℃〕
120
100
80
60
40
20
0
−40
20
40
60
80
−20
0
Charging characteristics
Discharging characteristics
Temperature characteristics
Part Number
Terminal Shape
LeadFree
Reflowable
RoHS
Maximum Usable
Voltage (V)
Nominal Capacity
(μAh)
Nominal
Capacitance (F)
Typical Internal
Resistance (Ω)
PAS311HR
VA6R
3.3
10*1
0.03
120
PAS409HR
VE5R
3.3
12*1
0.035
80
PAS414HR
VA5R
3.3
22*1
0.07
80
VE5R
PAS311SR
VA6R
2.6
11*2
0.035
70
PAS414SR
VE5R
2.5
20*3
0.07
37
(*1) : Capacity is measured from maximum usable voltage to 2.0V.
(*2) : Capacity is measured from maximum usable voltage to 1.4V. (*3) : Capacity is measured from maximum usable voltage to 1.5V.


Similar Part No. - PAS414HR-VE5R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS414HR-VE5R TAIYO-YUDEN-PAS414HR-VE5R Datasheet
724Kb / 4P
   High capacity / High reliability
More results

Similar Description - PAS414HR-VE5R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LR2R3105 TAIYO-YUDEN-PAS0815LR2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
logo
Panasonic Semiconductor
EECRG0V224 PANASONIC-EECRG0V224_16 Datasheet
50Kb / 1P
   Stacked Coin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com