Electronic Components Datasheet Search |
|
PPXR2005VLT80R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
PPXR2005VLT80R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 130 page Freescale Semiconductor Data Sheet: Advance Information Document Number: PXD20 Rev. 2, 04/2012 This document contains information on a product under development. Freescale reserves the right to change or discontinue this product without notice. PXD20 416 TEPBGA 27 mm x 27 mm 176 LQFP 24 mm x 24 mm 208 LQFP 28 mm x 28 mm © Freescale Semiconductor, Inc., 2011–2012. All rights reserved. Preliminary—Subject to Change Without Notice The PXD20 represents a new generation of 32-bit microcontrollers targeting single-chip industrial HMI applications. PXD20 devices are part of the PX family of Power Architecture®-based devices. This family has been designed with an emphasis on providing cost-effective and high quality graphics capabilities. PXD20 devices contain 2 MB internal flash memory. Serial flash memory and DRAM interfaces are provided to allow even greater system flexibility. The PXD20: • Includes 2 MB internal flash memory, 1 MB internal graphics SRAM, and 64 KB system SRAM • Offers high processing performance operating at speeds up to 125 MHz • Is optimized for low power consumption The PXD20 is designed to reduce development and production costs of TFT-based displays by providing a single-chip solution with the processing and storage capacity to host and execute real-time application software and drive TFT displays directly. The PXD20 features a 2D OpenVG 1.1 graphics accelerator, Video Input Unit (VIU2) and two on-chip display control units (DCU3 and DCULite) designed to drive two color TFT displays simultaneously. The PXD20 includes a enhanced QuadSPI serial flash controller and an optional DRAM controller allowing graphics RAM expansion externally. The PXD20 is compatible with the existing development infrastructure of current Power Architecture devices and are supported with software drivers, operating systems and configuration code to assist with application development. PXD20 Microcontroller Data Sheet 1 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1.1 Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1.2 Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1.3 Feature list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 1.4 Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 2 Pinout and signal descriptions . . . . . . . . . . . . . . . . . . . . . . . . 24 2.1 176 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 24 2.2 208 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 25 2.3 416 TEPBGA package pinout–40 to 105°C . . . . . . . . . 26 2.4 Signal description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 3 System design information . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 3.1 Power-up sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . 60 4 Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 4.1 Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 4.2 Parameter classification . . . . . . . . . . . . . . . . . . . . . . . . 62 4.3 Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 63 4.4 Recommended operating conditions . . . . . . . . . . . . . . 64 4.5 Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 66 4.6 EMI (electromagnetic interference) characteristics . . . 70 4.7 Power management . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 4.8 DC electrical specifications . . . . . . . . . . . . . . . . . . . . . 75 4.9 RESET electrical characteristics . . . . . . . . . . . . . . . . . 84 4.10 Fast external crystal oscillator (4–16 MHz) electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 4.11 Slow external crystal oscillator (32 KHz) electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87 4.12 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 88 4.13 Fast internal RC oscillator (16 MHz) electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89 4.14 Slow internal RC oscillator (128 kHz) electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89 4.15 Flash memory electrical characteristics . . . . . . . . . . . . 90 4.16 ADC parameters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91 4.17 AC specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97 4.18 AC timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102 5 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . 128 6 Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128 7 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129 |
Similar Part No. - PPXR2005VLT80R |
|
Similar Description - PPXR2005VLT80R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |