Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1946 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1946
Description  PWM Current Control Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1946 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1946 Datasheet HTML 1Page - Sanyo Semicon Device LB1946 Datasheet HTML 2Page - Sanyo Semicon Device LB1946 Datasheet HTML 3Page - Sanyo Semicon Device LB1946 Datasheet HTML 4Page - Sanyo Semicon Device LB1946 Datasheet HTML 5Page - Sanyo Semicon Device LB1946 Datasheet HTML 6Page - Sanyo Semicon Device LB1946 Datasheet HTML 7Page - Sanyo Semicon Device LB1946 Datasheet HTML 8Page - Sanyo Semicon Device LB1946 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LB1946
No.7115-2/16
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
10 to 45
V
Logic supply voltage
VCC
4.5 to 5.5
V
Reference voltage
VREF
0.0 to 3.0
V
Electrical Characteristics at Ta = 25
°C, VCC = 5V, VBB = 45V, VRES = 1.52V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Output Block
IBB ON
1.6
2.4
3.5
mA
Output stage supply current
IBB OFF
1.3
1.9
2.5
mA
Output saturation voltage 1
VOsat1
IO=+1.0A (sink)
1.2
1.6
V
Output saturation voltage 2
VOsat2
IO =+1.5 A (sink)
1.5
1.9
V
Output saturation voltage 3
VOsat3
IO=-1.0 A (source)
1.9
2.2
V
Output saturation voltage 4
VOsat4
IO=-1.5 A (source)
2.2
2.4
V
IO1 (leak)
VO=VBB (sink)
50
µA
Output leakage current
IO2 (leak)
VO=0V (source)
-50
µA
Output sustain voltage
VO sus
L=15mH IO=1.5A *
45
V
Logic Block
ICC ON
D0=1,D1=1,D2=1,D3=1
When these data values are set
25.5
37
48.5
mA
ICC OFF1
D0=0,D1=0,D2=0,D3=0
18
26
34
mA
Logic system supply current
ICC OFF2
ST=LOW
0.01
0.05
0.1
mA
VIH
2
V
Input voltage
VIL
0.8
V
IIH
VIH=2V
35
µA
Input current
IIL
VIL=0.8V
6
µA
D0=1,D1=1,D2=1,D3=1
When these data values are set
0.470
0.50
0.525
V
D0=1,D1=1,D2=1,D3=0
0.445
0.48
0.505
V
D0=1,D1=1,D2=0,D3=1
0.425
0.46
0.485
V
D0=1,D1=1,D2=0,D3=0
0.410
0.43
0.465
V
D0=1,D1=0,D2=1,D3=1
0.385
0.41
0.435
V
D0=1,D1=0,D2=1,D3=0
0.365
0.39
0.415
V
D0=1,D1=0,D2=0,D3=1
0.345
0.37
0.385
V
D0=1,D1=0,D2=0,D3=0
0.325
0.35
0.365
V
D0=0,D1=1,D2=1,D3=1
0.280
0.30
0.325
V
D0=0,D1=1,D2=1,D3=0
0.240
0.26
0.285
V
D0=0,D1=1,D2=0,D3=1
0.195
0.22
0.235
V
D0=0,D1=1,D2=0,D3=0
0.155
0.17
0.190
V
D0=0,D1=0,D2=1,D3=1
0.115
0.13
0.145
V
Sense voltages
VE
D0=0,D1=0,D2=1,D3=0
0.075
0.09
0.100
V
Reference current
IREF
VREF=1.5V
-0.5
µA
CR pin current
ICR
CR=1.0V
-1.7
-1.25
-0.9
mA
MD pin current
IMD
MD=1.0V, CR=4.0V
-5.0
µA
Logic system on voltage
VLSDON
2.6
2.8
3.0
V
Logic system off voltage
VLSDOFF
2.45
2.65
2.85
V
LVSD hysteresis
VLHIS
0.03
0.15
0.35
V
Thermal shutdown temperature
Ts
170
°C
*Design guaranteed value


Similar Part No. - LB1946

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946 Datasheet
387Kb / 16P
   LB1946
LB1946 SANYO-LB1946 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
More results

Similar Description - LB1946

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com