Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS411SR-VA6R Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS411SR-VA6R
Description  COIN TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS411SR-VA6R Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PAS411SR-VA6R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS411SR-VA6R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS411SR-VA6R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS411SR-VA6R Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
196
11
capacitor01_e-01
FEATURES
EXTERNAL DIMENSIONS, WEIGHT
φD
H
Type
φD(mm)
H(mm)
Weight(g)
311
3.8
(0.150)
1.1
(0.043)
0.03
409
4.8
(0.189)
0.9
(0.035)
0.05
414
4.8
(0.189)
1.4
(0.055)
0.06
※mm(inch),g
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
High capacity / High reliability
PAS can store a large number of ions into its amorphous structure
(doping), therefore PAS capacitor has much larger capacity than
conventional electric double layer capacitor. In addition, PAS is
extremely stable material and PAS capacitor shows excellent perfor-
mance of cycle life and durability to overcharge and overdischarge.
RoHS / WEEE compliance
PAS capacitors are RoHS and WEEE compliant products and have
no recycling and collection duty that is required in lithium ion bat-
tery’s case.
COIN TYPE PAS CAPACITOR
ORDERING CODE
EXTERNAL DIMENSIONS
APPLICATIONS
311-VA6R Type
Plating Area
Unit : mm
Memory and RTC back-up power source used for cellular phone, PDA, digital camera, portable radio and so on.
Terminal Shape
VA5R Individually specified
VA6R Individually specified
VE5R Individually specified
Height H (mm)
09
0.9
11
1.1
14
1.4
Diameter φD (mm)
3
3.8
4
4.8
Common sign
Fixation
Maximum Usable Voltage (V) / mounting
SR 2.5 (2.6*)
Reflow Soldering
HR
3.3
Reflow Soldering
(*) :
PAS311SR only
Series name
PAS
Polyacene
Capacitors
P A S
3
1
1
H R
-
V
A
6 R
REFLOW
414-VA5R Type
414-VE5R Type
409-VE5R Type


Similar Part No. - PAS411SR-VA6R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS414HR-VA5R TAIYO-YUDEN-PAS414HR-VA5R Datasheet
724Kb / 4P
   High capacity / High reliability
PAS414HR-VE5R TAIYO-YUDEN-PAS414HR-VE5R Datasheet
724Kb / 4P
   High capacity / High reliability
PAS414HR-VG1 TAIYO-YUDEN-PAS414HR-VG1 Datasheet
724Kb / 4P
   High capacity / High reliability
logo
Schneider Electric
PAS41BR SCHNEIDER-PAS41BR Datasheet
135Kb / 5P
   Portal axis, Lexium PAS, model range 4, profile size 40 x 40 mm, toothed belt, roller guide
Apr 20, 2022
More results

Similar Description - PAS411SR-VA6R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LR2R3105 TAIYO-YUDEN-PAS0815LR2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
logo
Panasonic Semiconductor
EECRG0V224 PANASONIC-EECRG0V224_16 Datasheet
50Kb / 1P
   Stacked Coin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com