Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5505D Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # EN5505D
Description  PWM Current Controlling Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN5505D Datasheet(HTML) 8 Page - Sanyo Semicon Device

  EN5505D Datasheet HTML 1Page - Sanyo Semicon Device EN5505D Datasheet HTML 2Page - Sanyo Semicon Device EN5505D Datasheet HTML 3Page - Sanyo Semicon Device EN5505D Datasheet HTML 4Page - Sanyo Semicon Device EN5505D Datasheet HTML 5Page - Sanyo Semicon Device EN5505D Datasheet HTML 6Page - Sanyo Semicon Device EN5505D Datasheet HTML 7Page - Sanyo Semicon Device EN5505D Datasheet HTML 8Page - Sanyo Semicon Device EN5505D Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB1845
No.5505-8/9
ILB00887
IBB - VBB
Output Stage Power-Supply Voltage, VBB - V
0
2
4
6
8
10
12
14
16
0
4
8
12
16
20
24
28
32
36
40
44
46
VCC=5V
VREF=5V
ILB00888
ICC, IBB - VCC
0
4
8
12
16
20
24
28
32
0
4
8
12
16
20
24
28
32
56
7
4
38
01
2
ILB00890
VO(sat) - IOUT
Output Current, IOUT - A
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
2.0
2.4
VBB=38V
VREF=5V
Output off
IBB Output off
IBB
Outpu
t on
I CC
IBB
ILB00889
ICC, IBB - VCC
Logic Block Supply Voltage, VCC - V
0
4
8
12
16
20
24
28
32
0
4
8
12
16
20
24
28
32
56
7
4
38
01
2
VBB=38V
VREF=5V
Output on
VBB=45V
VCC=5V
VREF=5V
I BB
ILB00891
VO(sat) -- IOUT
Output Current, IOUT - A
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
2.0
2.4
VBB=45V
VCC=5V
VREF=5V
(Source side)
(Sink side)
Logic Block Supply Voltage, VCC - V


Similar Part No. - EN5505D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EN55011 OMRON-EN55011 Datasheet
1Mb / 34P
   Contact Displacement Sensors
logo
Seoul Semiconductor
EN55015 SEOUL-EN55015 Datasheet
623Kb / 16P
   Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
logo
Vicor Corporation
EN55022 VICOR-EN55022 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
OSRAM GmbH
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
   PLANON lamp diagonal/colour code combinable ECG type(s)
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
   PLANON lamp diagonal/colour code combinable ECG type(s)
More results

Similar Description - EN5505D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com