Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1111701 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1111701
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1111701 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1111701 Datasheet HTML 7Page - Tyco Electronics 1111701 Datasheet HTML 8Page - Tyco Electronics 1111701 Datasheet HTML 9Page - Tyco Electronics 1111701 Datasheet HTML 10Page - Tyco Electronics 1111701 Datasheet HTML 11Page - Tyco Electronics 1111701 Datasheet HTML 12Page - Tyco Electronics 1111701 Datasheet HTML 13Page - Tyco Electronics 1111701 Datasheet HTML 14Page - Tyco Electronics 1111701 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
11
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Technical Information
P
Prriin
ntt M
Me
etth
ho
od
d/
/R
Riib
bb
bo
on
n::
T312M-PRINTER with 1966-RIBBON or
T212M-PRINTER with T200-1966-RIBBON
S
Se
errv
viic
ce
e T
Te
em
mp
pe
erra
attu
urre
e
-30˚C to +105˚C (-22˚F to +221˚F)
M
Miin
niim
mu
um
m S
Sh
hrriin
nk
k T
Te
em
mp
pe
erra
attu
urre
e
136˚C (275˚F)
C
Co
ollo
orrss::
White or yellow.
Other colors available on request.
F
Flla
am
mm
ma
ab
biilliitty
y::
S
Se
ellff--e
ex
xttiin
ng
gu
uiissh
hiin
ng
g --
(ASTM D2671 Procedure B).
O
Ox
xy
yg
ge
en
n IIn
nd
de
ex
x ((B
BS
S6
68
85
53
3:: P
Pa
assss 3
34
4%
% M
Miin
n..)) --
(BS EN ISO 4589-2 [1999]).
(AFNOR NF F 16-101 Class 12).
D
Drriip
pp
piin
ng
g C
Clla
assssiiffiic
ca
attiio
on
n S
ST
T2
2 --
(DIN 5510-2)
S
Sm
mo
ok
ke
e::
A
A0
0--0
0..0
01
17
7 M
Ma
ax
x.. (BS 6853 [1999]
Annex D [D.8.3] Small scale test
S
Sm
mo
ok
ke
e IIn
nd
de
ex
x D
De
ette
errm
miin
na
attiio
on
n ((IIF
F))
M
Ma
ax
xiim
mu
um
m 0
0,, S
Sm
mo
ok
ke
e C
Clla
assss F
F1
1 -
(AFRNOR NF F 16-101-1988 Smoke Index)
T
To
ox
xiic
ciitty
y::
R
R <
< 1
1 - (BS 6853 [1999] Annex B -
AFNOR NF X 70-100 Determination of
weighted summation of toxic fume, mass
based method)
L
LU
UL
L T
To
ox
xiid
d F
Fu
um
me
e:: N
No
o.. H
Ha
allo
og
ge
en
nss,, N
No
o.. P
P,, S
S o
orr
N
N sso
ou
urrc
ce
ess a
ab
bo
ov
ve
e ttrra
ac
ce
e lle
ev
ve
ell --
(LUL E1042: A6 [2002]) -
London Underground Standard 2-01001-002,
section 5.2.3 Chemical composition/toxicity)
T
To
ox
xiic
ciitty
y IIn
nd
de
ex
x =
= 0
0..3
34
4 -
(CEI 20-37-7-09-1997 Determination of
toxicity index of gasses from combustion of
organic material
D
Diie
elle
ec
cttrriic
c S
Sttrre
en
ng
gtth
h::
15V/mm minimum.
W
Wa
atte
err A
Ab
bsso
orrp
pttiio
on
n
11% maximum after 24 hours at 23C (73˚F)
C
Co
op
pp
pe
err M
Miirrrro
orr C
Co
orrrro
ossiio
on
n::
8% maximum after 16 hours of 150˚C (302˚F)
L
Lo
on
ng
giittu
ud
diin
na
all C
Ch
ha
an
ng
ge
e::
+5% to -10%.
T
Te
en
nssiille
e S
Sttrre
en
ng
gtth
h::
7MPa minimum.
U
Ullttiim
ma
atte
e E
Ello
on
ng
ga
attiio
on
n::
80% minimum.
S
Se
ec
ca
an
ntt M
Mo
od
du
ullu
uss::
200MPa mimum at 2% elongation.
U
UL
L R
Re
essiisstta
an
nc
ce
e::
Tensile strength >90% & ultimate elongation
>40% or original value after 1000 hours
(ASTM G53: UVA [100% dry cycle]; UVB
[8 hours dry/4 hours wet cycle]).
P
Prriin
ntt P
Pe
errm
ma
an
ne
en
nc
ce
e::
ADHERENCE - Meets the requirements of
SE AS81531 4.6.2 (50 rubs).
FLUID RESISTANCE - Meets the
requirements of MIL-STD-202 method 215J.


Similar Part No. - 1111701

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1111720000 WEIDMULLER-1111720000 Datasheet
90Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 45 mm
More results

Similar Description - 1111701

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com