Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1815JBD144 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1815JBD144
Description  Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1815JBD144 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1815JBD144 Datasheet HTML 3Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 4Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 5Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 6Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 7Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 8Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 9Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 10Page - NXP Semiconductors LPC1815JBD144 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ES_LPC185X_3X_2X_1X_FLASH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Errata sheet
Rev. 2.1 — 23 November 2012
7 of 11
NXP Semiconductors
ES_LPC185x/3x/2x/1x Flash
Errata sheet LPC185x/3x/2x/1x flash-based devices
3.4 PMC.1: PMC.x power management controller fails to wake up from
Deep Sleep, Power Down, or Deep Power Down
Introduction:
The PMC implements the control sequences to enable transitioning between different
power modes and controls the power state of each peripheral. In addition, wake-up from
any of the power-down modes based on hardware events is supported.
Problem:
When the chip is in a transition from active to Deep Sleep, Power Down, or Deep Power
Down, wakeup events are not captured and they will block further wakeup events from
propagating. The time window for this transition is 6 uS and is not affected by the chip
clock speed. After a wakeup event is received during the PMC transition, the chip can only
recover by using an external hardware reset or by cycling power.
Work-around:
Make sure that a wakeup signal is not received during the Deep Sleep, Power Down, or
Deep Power Down transition period. An example circuit to work around this could include
an external 6 uS one shot which could be triggered via software using a GPIO line when
entering Deep Sleep, Power Down, or Deep Power Down mode. The one-shot's output
could be used to gate the wakeup signal(s) to prevent receiving a wakeup signal during
the PMC transition period. Depending on the system design, it may also be needed to
latch the wakeup signal(s) so that they will still be present after the one-shot's 6 uS
timeout.
Fig 1.
PMC wakeup keep-out area
PMC state
Run mode
Low power mode
6 us
PMC software
trigger
PMC transition period
Wakeup signal
asserted (ok)
Keep-out area


Similar Part No. - LPC1815JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1815JBD144 PHILIPS-LPC1815JBD144 Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1815JBD144 NXP-LPC1815JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1815JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
logo
NXP Semiconductors
ES-LPC407X-8X NXP-ES-LPC407X-8X Datasheet
31Kb / 6P
   Errata sheet LPC407x/8x
Rev. 1-24 September 2012
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com