Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN3949E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EN3949E
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN3949E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EN3949E Datasheet HTML 1Page - Sanyo Semicon Device EN3949E Datasheet HTML 2Page - Sanyo Semicon Device EN3949E Datasheet HTML 3Page - Sanyo Semicon Device EN3949E Datasheet HTML 4Page - Sanyo Semicon Device EN3949E Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1838M
No.3949-4/5
VO(sat) -- IO
IIN -- VIN
VO(sat) -- Ta
IS -- VS
ICC -- VCC
1.0
0.8
0.6
0.4
0.2
0
200
160
120
80
40
0
0.6
0.5
0.3
0.2
0.1
0
0.4
20
16
12
8
4
0
10
8
6
4
2
0
0
100
200
300
400
500
600
0123456789
10
-40
-20
0
20
40
60
140
120
100
80
01
2
3
7
6
5
48
12
11
10
9
01
2
3
7
6
5
48
12
11
10
9
ENA
IN1(ENA
= 3V)
IO=
400mA
IO= 200mA
VCC = VS = 3V
VCC = VS = IN = 3V
VO(sat) = total
VCC = VIN = 3V
For 1channel
VCC = VIN = 3V
For 1channel
Output current, IO -- mA
Input voltage, VIN -- V
Ambient temperature, Ta --
°C
Supply voltage, VS -- V
Supply voltage, VCC -- V
Reverse
Forward


Similar Part No. - EN3949E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN3947F SANYO-EN3947F Datasheet
127Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
EN3948B SANYO-EN3948B Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
EN3948B SANYO-EN3948B Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
More results

Similar Description - EN3949E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com