Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM3B Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # RPM3B
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3B Datasheet(HTML) 5 Page - Radiometrix Ltd

  RPM3B Datasheet HTML 1Page - Radiometrix Ltd RPM3B Datasheet HTML 2Page - Radiometrix Ltd RPM3B Datasheet HTML 3Page - Radiometrix Ltd RPM3B Datasheet HTML 4Page - Radiometrix Ltd RPM3B Datasheet HTML 5Page - Radiometrix Ltd RPM3B Datasheet HTML 6Page - Radiometrix Ltd RPM3B Datasheet HTML 7Page - Radiometrix Ltd RPM3B Datasheet HTML 8Page - Radiometrix Ltd RPM3B Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 5
Data is transferred between the RPM3B and the HOST using an asynchronous serial protocol. The default
protocol settings are 8 data bits, no parity and 1 stop bit (8n1). The baud rate setting for the serial interface is
user settable from 600bps to 115200bps.
TXD
Data from the connected host (DTE) is received by the RPM3B through TXD pin.
CTS
A single handshake line,
CTS, controls the flow of data into the RPM3B. The serial receive buffer of
the RPM3B is 96 bytes deep. The
CTS will be asserted High (VCC) by the RPM3B when the receive
buffer hits approximately 66% full. It is advisable to limit the number of characters sent to the RPM3B
after the
CTS control line is asserted. This will help to reduce the possibility of lost data due to internal
buffer overruns in the RPM3B. The RPM3B will clear the
CTS when the internal serial receive buffer
falls below 33% full.
RXD
Upon the RPM3B receiving data from a remote unit, the received data is sent to the connected host
(DTE) device through the RXD pin..
2.4 ENTERING RADIO PACKET MODEM CONFIGURATOR
Configuring the RPM3B is accomplished by using a built-in command line configurator. The configurator is
entered by asserting the SETUP input of the RPM3B while resetting the RPM3B.
SETUP
Holding SETUP low during a reset cycle will force the modem into the configurator. The state of this
input is checked while the RPM3B starts up from either power on or reset.
HOST DRIVEN SETUP
The Setup pin may either be driven by the host (recommended) to enable host controlled configuration
of the RPM3B or pulled up to VCC via a suitable pull-up resistor (10kΩ).
2.5 FORCING DEFAULT SERIAL BAUD RATE
Asserting this pin low forces the RPM3B to start-up with a default baud rate of 9600bps, 8 data bits, one stop
and no parity.
DEFAULT
During a RESET the HOST must hold DEFAULT low to force the RPM3B serial interface to default to
9600bps. This is ideal if the serial baud rate has been forgotten or incorrectly set.
HOST DRIVEN DEFAULT
The DEFAULT pin may either be driven by the host (recommended) or pulled up to VCC via a suitable
pull-up resistor (10kΩ).
2.6 FORCING RADIO PACKET MODEM INTO SLEEP MODE
Asserting the WAKE input high forces the modem into a low power sleep mode. This effectively shuts down the
RPM3B and prevents it from sending or receiving any data. It is a method for conserving power when the
modem is not required.
WAKE
/ DTR
During normal operation WAKE pin can be pulled high to force the RPM3B to shutdown into low power
sleep mode.
HOST DRIVEN WAKE
The WAKE pin may either be driven by the host (recommended) or pulled Low to 0V.


Similar Part No. - RPM3B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17 RADIOMETRIX-RPM3-869-17 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V RADIOMETRIX-RPM3-869-17-3V Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V-ANT RADIOMETRIX-RPM3-869-17-3V-ANT Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3-869-17-3V-SMA RADIOMETRIX-RPM3-869-17-3V-SMA Datasheet
736Kb / 15P
   UHF Radio Packet Modem
More results

Similar Description - RPM3B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com