Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BHX2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # BHX2
Description  NBFM Multi-channel 500mW UHF Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BHX2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  BHX2_12 Datasheet HTML 1Page - Radiometrix Ltd BHX2_12 Datasheet HTML 2Page - Radiometrix Ltd BHX2_12 Datasheet HTML 3Page - Radiometrix Ltd BHX2_12 Datasheet HTML 4Page - Radiometrix Ltd BHX2_12 Datasheet HTML 5Page - Radiometrix Ltd BHX2_12 Datasheet HTML 6Page - Radiometrix Ltd BHX2_12 Datasheet HTML 7Page - Radiometrix Ltd BHX2_12 Datasheet HTML 8Page - Radiometrix Ltd BHX2_12 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Radiometrix Ltd
BHX2 Data Sheet
page 5
Received Signal Strength
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
RF Level (dBm)
Figure 5: RSSI voltage variation with respect to RF level at BHX2
If the microcontroller has a built-in Analogue to Digital Converter (ADC), the Received Signal
Strength Indicator (RSSI) output voltage level can be read by the microcontroller to estimate its
distance from transmitting BHX2 unit or identify areas of weak signal reception.
RSSI can also be used to make a decision to switch to the second antenna in fixed installations
within building where the probability of null-spots are higher.


Similar Part No. - BHX2_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BHX2-458-5-SMA RADIOMETRIX-BHX2-458-5-SMA Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
More results

Similar Description - BHX2_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com