Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9915-PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9915-PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915-PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9915-PCBZ Datasheet HTML 3Page - Analog Devices AD9915-PCBZ Datasheet HTML 4Page - Analog Devices AD9915-PCBZ Datasheet HTML 5Page - Analog Devices AD9915-PCBZ Datasheet HTML 6Page - Analog Devices AD9915-PCBZ Datasheet HTML 7Page - Analog Devices AD9915-PCBZ Datasheet HTML 8Page - Analog Devices AD9915-PCBZ Datasheet HTML 9Page - Analog Devices AD9915-PCBZ Datasheet HTML 10Page - Analog Devices AD9915-PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 7 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Profile Pin Selection Mode
Frequency
320
SYSCLK cycles
Phase
296
SYSCLK cycles
Amplitude
104
SYSCLK cycles
Modulation Mode with 32-Bit Parallel
Port
Frequency
296
SYSCLK cycles
Phase
272
SYSCLK cycles
Amplitude
80
SYSCLK cycles
Sweep Mode
Frequency
392
SYSCLK cycles
Phase
368
SYSCLK cycles
Amplitude
176
SYSCLK cycles


Similar Part No. - AD9915-PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910/PCBZ AD-AD9910/PCBZ Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
More results

Similar Description - AD9915-PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com