Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ17 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WZ17
Description  TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ17 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZ17_12 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ17 • Rev. 1.0.6
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
-0.5
7.0
V
VOUT
DC Output Voltage
-0.5
7.0
V
IIK
DC Input Diode Current
VIN < -0.5V
-50
mA
IOK
DC Output Diode Current
VOUT < -0.5V
-50
mA
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation at 85°C
SC70-6
180
mW
MicroPak-6
130
MicroPak2-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Recommended Operating Conditions
(3)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data Retention
1.5
5.5
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
JA
Thermal Resistance
SC70-6
350
°C/W
MicroPak-6
500
MicroPak2-6
560
Note:
3.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7WZ17_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
NC7WZ17FHX-L22175 ONSEMI-NC7WZ17FHX-L22175 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17L6X FAIRCHILD-NC7WZ17L6X Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17L6X FAIRCHILD-NC7WZ17L6X Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
More results

Similar Description - NC7WZ17_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_11 Datasheet
521Kb / 9P
   TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
NC7SZ14 FAIRCHILD-NC7SZ14_10 Datasheet
598Kb / 10P
   TinyLogic짰 UHS Inverter with Schmitt Trigger Input
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A_06 Datasheet
86Kb / 6P
   Dual Buffer with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com