Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZU04L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZU04L6X
Description  TinyLogic짰 UHS Unbuffered Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZU04L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZU04L6X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZU04 • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VIN
DC Input Voltage
-0.5
6.0
V
VOUT
DC Output Voltage
-0.5
6.0
V
IIK
DC Input Diode Current
VIN < -0.5V
-50
mA
VIN > VCC+5.0V
+20
IOK
DC Output Diode Current
VOUT < -0.5V
-50
mA
VOUT > 0.5V, VCC=GND
+50
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation at +85°C
SOT-23
200
mW
SC70-5
150
MicroPak-6
130
MicroPak2-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data Retention
1.50
5.50
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
θ
JA
Thermal Resistance
SOT-23
300
°C/W
SC70-5
425
MicroPak-6
500
MicroPak2-6
560
Note:
1.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7SZU04L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZU04L6X FAIRCHILD-NC7SZU04L6X Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
More results

Similar Description - NC7SZU04L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com