Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0230002.DRT1SP Datasheet(PDF) 3 Page - Littelfuse

Part # 0230002.DRT1SP
Description  229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0230002.DRT1SP Datasheet(HTML) 3 Page - Littelfuse

  0230002.DRT1SP Datasheet HTML 1Page - Littelfuse 0230002.DRT1SP Datasheet HTML 2Page - Littelfuse 0230002.DRT1SP Datasheet HTML 3Page - Littelfuse 0230002.DRT1SP Datasheet HTML 4Page - Littelfuse 0230002.DRT1SP Datasheet HTML 5Page - Littelfuse 0230002.DRT1SP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
261
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Time Lag > 229/230 Series
229/230 Series
Please refer to www.littelfuse.com/series/229.html
or /230.html for current information.
Amp Code
Ampere Rating
(A)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
10 x 160 μs
1500V
10 x 560 μs
800V
10 x 1000 μs
1000V
.250
0.25
2.4300
0.216
23.0A
16.6A
12.4A
.350
0.35
1.3100
0.490
34.0A
25.8A
19.3A
.375
0.375
1.1685
0.580
40.0A
25.4A
19.0A
.500
0.5
0.6935
1.16
60.0A
37.7A
28.2A
.600
0.6
0.4805
1.75
71.0A
47.2A
35.3A
.750
0.75
0.3430
2.95
91.0A
65.5A
49.0A
.800
0.8
0.3060
3.45
104.0A
68.9A
51.6A
001.
1
0.2120
5.64
130A
88.6A
66.3A
1.25
1.25*
0.1460
9.80
162.0A
118.1A
100.0A
Surge Withstand Specificatons
Peak Withstand Current(lp):
Description
Features
Applications


Similar Part No. - 0230002.DRT1SP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0230.250DRT1P LITTELFUSE-0230.250DRT1P Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0230.250DRT1SP LITTELFUSE-0230.250DRT1SP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0230.250DRT1SW LITTELFUSE-0230.250DRT1SW Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0230.250DRT1W LITTELFUSE-0230.250DRT1W Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0230.250DRT2P LITTELFUSE-0230.250DRT2P Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
More results

Similar Description - 0230002.DRT1SP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0473.500YRT1- LITTELFUSE-0473.500YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473001.YRT3- LITTELFUSE-0473001.YRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473002.YRT1- LITTELFUSE-0473002.YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473004.MRT1- LITTELFUSE-0473004.MRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473005.MRT1- LITTELFUSE-0473005.MRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo짰 Type Fuse
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com