Part Name
         Description
ICX248AK

 Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras ( 21 Page)


SONY
100% 
Zoom Out Zoom In
 
 5 page
background image
– 5 –
ICX248AK
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
| VVH1 – VVH2 |
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VRGL
V
φRG
VRGLH – VRGLL
V
φSUB
14.55
–0.05
–0.2
–9.6
8.3
–0.25
–0.25
4.75
–0.05
4.5
23.0
15.0
0
0
–9.0
9.0
5.0
0
1
5.0
24.0
15.45
0.05
0.05
–8.5
9.65
0.1
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
25.0
V
V
V
V
Vp-p
V
V
V
V
V
V
V
Vp-p
V
V
Vp-p
V
V
1
2
2
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage∗1
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ. Max. Unit
Waveform
diagram
Remarks
Item
Symbol
Min.
Typ. Max. Unit
Waveform
diagram
Remarks
1 Input the reset gate clock without applying a DC bias. In addition, the reset gate clock can also be driven
with the following specifications.
Reset gate clock
voltage
VRGL
V
φRG
–0.2
8.5
0
9.0
0.2
9.5
V
Vp-p
4
4
Clock Voltage Conditions



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICX418AKLDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX428AKLDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX038DNADiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX038DNBDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX075AKDiagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX054BKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX258AKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX226AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX404AKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX068AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl