Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ18FHX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SZ18FHX
Description  TinyLogic짰 UHS 1-of-2 Non-Inverting De-multiplexer with 3-STATE Deselected Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ18FHX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NC7SZ18FHX_11 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ18FHX_11 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ18 • Rev. 1.0.2
7
Physical Dimensions
DETAIL A
SCALE: 60X
B
1.90
2.00±0.20
0.50 MIN
1.00
0.80
1.10
0.80
0.10 C
0.25
0.10
0.46
0.26
0.20
GAGE
PLANE
(R0.10)
30°
SEATING
PLANE
C
0.10
0.00
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO EIAJ
SC-88, 1996.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH.
D) DRAWING FILENAME: MKT-MAA06AREV6
2.10±0.30
0.10
AB
0.65
1.30
(0.25)
0.30
0.15
1
1.25±0.10
3
1.30
0.40 MIN
SEE DETAIL A
LAND PATTERN RECOMMENDATION
6
A
4
C
0.65
L
SYMM
PIN ONE
Figure 7. 6-Lead, SC70, EIAJ SC88, 1.25mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/analog/pdf/sc70-6_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
P6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SZ18FHX_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18 Datasheet
117Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
NC7SZ18 FAIRCHILD-NC7SZ18 Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
NC7SZ18L6X FAIRCHILD-NC7SZ18L6X Datasheet
117Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
NC7SZ18L6X FAIRCHILD-NC7SZ18L6X Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
NC7SZ18P6X FAIRCHILD-NC7SZ18P6X Datasheet
117Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
More results

Similar Description - NC7SZ18FHX_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18_04 Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157_09 Datasheet
588Kb / 9P
   TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com