Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ08FHX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SZ08FHX
Description  TinyLogic짰 UHS Two-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ08FHX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SZ08FHX_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ08FHX_09 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ08 • Rev. 1.0.3
6
Physical Dimensions
5
1
4
3
2
LAND PATTERN RECOMMENDATION
B
A
L
C
0.10 C
0.20
CA B
0.60 REF
0.55
0.35
SEATING PLANE
0.25
GAGE PLANE
NOTES: UNLESS OTHEWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MO-178, ISSUE B, VARIATION AA,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
1.45 MAX
1.30
0.90
0.15
0.05
1.90
0.95
0.50
0.30
3.00
2.60
1.70
1.50
3.00
2.80
SYMM
C
0.95
0.95
2.60
0.70
1.00
SEE DETAIL A
0.22
0.08
C) MA05Brev5
TOP VIEW
(0.30)
Figure 7. 5-Lead SOT23, JEDEC MO-178 1.6mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/packaging/SOT23-5L_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
M5X
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SZ08FHX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
logo
ON Semiconductor
NC7SZ08FHX ONSEMI-NC7SZ08FHX Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
NC7SZ08FHX ONSEMI-NC7SZ08FHX Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
More results

Similar Description - NC7SZ08FHX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
NC7SZ86 FAIRCHILD-NC7SZ86_09 Datasheet
603Kb / 10P
   TinyLogic짰 UHS Two-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SVL08 FAIRCHILD-NC7SVL08 Datasheet
628Kb / 9P
   TinyLogic짰 Low-ICCT Two-Input AND Gate
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08_V01 Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
NC7SZ02 ONSEMI-NC7SZ02 Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com