Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV05L6X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7SV05L6X
Description  TinyLogic짰 ULP-A Inverter (Open-Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV05L6X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7SV05L6X_11 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV05L6X_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SV05 • Rev. 1.0.4
2
Battery Life
700
600
500
400
300
200
100
0
0.9
1.2
ULP-A (SV)
ULP (SP)
UHS (SZ)
1.5
1.8
2.5
3.3
5.0
Battery Life
(Days)
VCC Supply Voltage
Figure 1. Battery Life vs. VCC Supply Voltage
Notes:
1.
TinyLogic
® ULP and ULP-A with up to 50% less power consumption can extend battery life significantly.
Battery Life
(V
battery•Ibattery•.9)/(Pdevice)/24hrs/day
where, Pdevice (ICC • VCC) (CPD CL) • VCC2 • f.
2.
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and derated 90% and device frequency at
10MHz, with CL=15pF load.
Connection Diagram
A
IEEE/IEC
1
Y
Figure 2. Logic Symbol


Similar Part No. - NC7SV05L6X_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV05L6X FAIRCHILD-NC7SV05L6X Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7SV05L6X FAIRCHILD-NC7SV05L6X Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SV05L6X ONSEMI-NC7SV05L6X Datasheet
582Kb / 12P
   TinyLogic ULP-A Inverter
September 2011 Rev. 1.0.4
More results

Similar Description - NC7SV05L6X_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07_12 Datasheet
384Kb / 8P
   TinyLogic짰 ULP-A Bual Buffer (Open-Drain Output)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
NC7SV04 FAIRCHILD-NC7SV04_10 Datasheet
563Kb / 11P
   TinyLogic짰 ULP-A Inverter
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP04 FAIRCHILD-NC7SP04_10 Datasheet
655Kb / 9P
   NC7SP04 ??TinyLogic짰 ULP Inverter
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38_V01 Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com