Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPX1 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # QPX1
Description  2 Watt Multi-channel VHF Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

QPX1 Datasheet(HTML) 5 Page - Radiometrix Ltd

  QPX1_12 Datasheet HTML 1Page - Radiometrix Ltd QPX1_12 Datasheet HTML 2Page - Radiometrix Ltd QPX1_12 Datasheet HTML 3Page - Radiometrix Ltd QPX1_12 Datasheet HTML 4Page - Radiometrix Ltd QPX1_12 Datasheet HTML 5Page - Radiometrix Ltd QPX1_12 Datasheet HTML 6Page - Radiometrix Ltd QPX1_12 Datasheet HTML 7Page - Radiometrix Ltd QPX1_12 Datasheet HTML 8Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Radiometrix Ltd
QPX1 Data Sheet
page 5
Serial Programming
Serial data is sent to the unit on the programming input PGM (pin 14)
2400 baud at RS232 level. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits, No flow control. All commands
must be in upper case.
To successfully program the unit, 'ENABLE' (pin 4) must be 'high' (active) to enable the unit.
Once 'modem' mode has been selected, the unit locks into serial command mode (and the parallel port pins
have other functions) until a SETPAR command returns the unit to ordinary parallel operation.
Unlike earlier Radiometrix multichannel units, the QPX1 (and USA versions of SMX1) has separate N and R
registers for each channel, on transmit and on receive. In other words, the frequency of each channel is
individually programmed in every mode.
Unless a complex frequency map has been selected, all the R value registers are likely to be programmed
with the same value
Command
Function
GOCHAN a
serial select of channel a (ch0 to 7)
LDTXN a nnnnn
set value of N for channel a , for transmit
LDRXN a nnnnn
set value of N for channel a , for receive
LDTXR a rrrrr
set value of R for channel a , for transmit
LDRXR a rrrrr
set value of R for channel a , for receive
SETPAR
channel selected by 3 bit parallel input 3
SETSER
channel selected by most recent 'gochan' operation
RVALUE rrrrr
set R register value used by SINGLE command
SINGLE nnnnn
set value of N for single channel operation. N value NOT stored in
e2prom
SETMOD
Enable internal modem. Frequency selected by most recent 'gochan' or
'single'
<cr>
process entry
/
clear all buffers
#
disable command mode
a = a single digit channel number from 0 to 7
nnnnn = a synthesizer N register value, (up to 65535)
rrrrr = the synthesizer R register value, (up to 16383)
For Transmit,
R
kHz
10
quency
ChannelFre
N
tx =
For Receive,
R
kHz
10
4
.
21
quency
ChannelFre
N
rx
=
kHz
25
Hz
10
f
f
R
cing
channelspa
Xtal
=
=
, So R= 400 (usually)
Note:
In 'SINGLE' mode the unit is inoperative after a power down until either another valid SINGLE
command is received, or mode is changed by a GOCHAN, SETPAR or SETSER command.
Single mode applies a receive frequency offset of 21.4MHz
'Single' mode is intended for frequency agile applications.
A pause of at least 50mS must be allowed between command strings (eeprom programming time)


Similar Part No. - QPX1_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPX1-154-5-12k5-FCC-EAS RADIOMETRIX-QPX1-154-5-12k5-FCC-EAS Datasheet
145Kb / 7P
   2 Watt Multi-channel VHF Transceiver
QPX1-173-5-12k5-FCC-EAS RADIOMETRIX-QPX1-173-5-12k5-FCC-EAS Datasheet
145Kb / 7P
   2 Watt Multi-channel VHF Transceiver
More results

Similar Description - QPX1_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPX1 RADIOMETRIX-QPX1 Datasheet
145Kb / 7P
   2 Watt Multi-channel VHF Transceiver
QPT1 RADIOMETRIX-QPT1_12 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
QPT1 RADIOMETRIX-QPT1 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
Texas Instruments
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
logo
Radiometrix Ltd
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com