Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLH42245MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FXLH42245MPX
Description  Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLH42245MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FXLH42245MPX_09 Datasheet HTML 2Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 3Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 4Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 5Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 6Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 7Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 8Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 9Page - Fairchild Semiconductor FXLH42245MPX_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLH42245 • Rev. 1.0.3
6
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
VCCI (V)
VCCO (V)
Min.
Max.
Units
An, VI or VO=0V to 3.6V
0
3.6
±10
IOFF
Power Off Leakage
Current
Bn, VI or VO=0V to 3.6V
3.6
0
±10
µA
An, Bn, OE=VIH
3.6
3.6
±10
Bn, OE= Don’t Care
(7)
0
3.6
±10
IOZ
3-State Output
Leakage
(VO, VCC or GND
VI=VIH or VIL)
An, OE= Don’t Care
(7)
3.6
0
±10
µA
ICCA/B
1.1 to 3.6
1.1 to 3.6
20
ICCZ
VI=VCCI or GND; IO=0
1.1 to 3.6
1.1 to 3.6
20
0
1.1 to 3.6
-10
ICCA
VI=VCCA or GND; IO=0
1.1 to 3.6
0
10
1.1 to 3.6
0
-10
ICCB
Quiescent Supply
Current
(8)
VI=VCCB or GND; IO=0
0
1.1 to 3.6
10
µA
ΔI
CCA/B
Increase in ICC per
Input; Other Inputs at
VCC or GND
VIH=3.0
3.6
3.6
500
µA
Notes:
3.
VCCI = the VCC associated with the data input under test.
4.
VCCO = the VCC associated with the output under test.
5.
An external driver must source at least the specified current to switch LOW-to-HIGH.
6.
An external driver must source at least the specified current to switch HIGH-to-LOW.
7.
Don’t care = any valid logic level.
8.
Reflects current per supply, VCCA or VCCB.


Similar Part No. - FXLH42245MPX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245MPX FAIRCHILD-FXLH42245MPX Datasheet
557Kb / 10P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
logo
ON Semiconductor
FXLH42245MPX ONSEMI-FXLH42245MPX Datasheet
570Kb / 14P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
More results

Similar Description - FXLH42245MPX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245 FAIRCHILD-FXLH42245 Datasheet
557Kb / 10P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
74VCXH2245 FAIRCHILD-74VCXH2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold and 26廓 Series Resistors in B Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com