Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLH42245 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FXLH42245
Description  Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLH42245 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FXLH42245_09 Datasheet HTML 4Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 5Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 6Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 7Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 8Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 9Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 10Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 11Page - Fairchild Semiconductor FXLH42245_09 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLH42245 • Rev. 1.0.3
8
AC Electrical Characteristics (Continued)
VCCA=1.4V to 1.6V
TA= -40 to +85°C
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Propagation
Delay A to B
0.7
4.8
0.8
5.3
1.2
6.4
1.3
7.9
2.0
22.0
tPLH, tPHL
Propagation
Delay B to A
0.6
6.8
0.8
6.9
0.9
7.1
1.0
7.3
1.3
9.5
ns
Output Enable
OE to B
1.1
5.8
1.3
6.3
1.5
7.8
2.0
8.1
2.0
20.0
tPZH, tPZL
Output Enable
OE to A
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
ns
Output Disable
OE to B
0.6
4.8
0.6
5.1
1.1
5.8
2.0
7.7
2.0
18.0
tPHZ, tPLZ
Output Disable
OE to A
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
ns
VCCA=1.1V to 1.3V
TA= -40 to +85°C
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Propagation
Delay A to B
1.0
13.8
1.0
7.8
1.0
8.4
1.0
10.4
2.0
24.0
tPLH, tPHL
Propagation
Delay B to A
1.4
22.0
1.4
22.0
1.5
22.0
1.5
22.0
2.0
24.0
ns
Output Enable
OE to B
1.5
12.6
1.5
9.6
1.5
10.6
2.0
11.6
2.0
24.0
tPZH, tPZL
Output Enable
OE to A
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
ns
Output Disable
OE to B
1.2
15.0
0.9
7.6
1.2
8.6
2.0
10.6
3.0
21.0
tPHZ, tPLZ
Output Disable
OE to A
2.0
15.0
2.0
12.0
2.0
12.0
2.0
12.0
2.0
12.0
ns
Capacitance
TA=+25°C
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance Control Pins
(OE, T/R)
VCCA=VCCB=3.3V, VI=0V or VCCA/B
4
pF
CI/O
Input/Output Capacitance
An, Bn Port
VCCA=VCCB=3.3V, VI=0V or VCCA/B
5
pF
CPD
Power Dissipation Capacitance
VCCA=VCCB=3.3V, VI=0V or VCC, f=10MHz
20
pF


Similar Part No. - FXLH42245_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245MPX FAIRCHILD-FXLH42245MPX Datasheet
557Kb / 10P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
logo
ON Semiconductor
FXLH42245MPX ONSEMI-FXLH42245MPX Datasheet
570Kb / 14P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
More results

Similar Description - FXLH42245_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245 FAIRCHILD-FXLH42245 Datasheet
557Kb / 10P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
74VCXH2245 FAIRCHILD-74VCXH2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold and 26廓 Series Resistors in B Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com