Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLT Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # PLT
Description  NBFM Multi channel Data Packet Link Radios
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLT Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button PLT Datasheet HTML 4Page - Radiometrix Ltd PLT Datasheet HTML 5Page - Radiometrix Ltd PLT Datasheet HTML 6Page - Radiometrix Ltd PLT Datasheet HTML 7Page - Radiometrix Ltd PLT Datasheet HTML 8Page - Radiometrix Ltd PLT Datasheet HTML 9Page - Radiometrix Ltd PLT Datasheet HTML 10Page - Radiometrix Ltd PLT Datasheet HTML 11Page - Radiometrix Ltd PLT Datasheet HTML 12Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 10
RX Received Signal Strength Indicator (RSSI)
The PLR receiver has wide range RSSI that measures the strength of an incoming signal over a range of
60dB or more. This allows assessment of link quality and available margin and is useful when performing
range tests.
The output on pin 5b of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V at
maximum indication (RF input levels of -40dBm and above). ∆Vmin-max is typically 2V and is largely
independent of standing bias variations. Output impedance is 40kΩ. Pin 5b can drive a 100µA meter directly,
for simple monitoring.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 8: typical RSSI level with respect to received RF level at PLR antenna pin
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 16.4cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end well
away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small and
plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the
wire length or expand the coil for optimum results. The helical de-tunes badly with proximity
to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed
from RF pin at a point 20% from the ground end. Loops have high immunity to proximity de-
tuning.
Feature
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
Range open ground to similar antenna
500m
200
100


Similar Part No. - PLT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
logo
Kemet Corporation
PLT-01 KEMET-PLT-01 Datasheet
827Kb / 2P
   Transformer/CMC for PLC
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
logo
LEDTRONICS, INC
PLT-1003-301 LEDTRONICS-PLT-1003-301 Datasheet
34Kb / 1P
   PLT-1003-301
PLT-1003-303 LEDTRONICS-PLT-1003-303 Datasheet
34Kb / 1P
   PLT-1003-303
More results

Similar Description - PLT

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
PLT2 RADIOMETRIX-PLT2 Datasheet
459Kb / 12P
   NBFM Multi channel Data Packet Link Radios
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com