Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5701UC20X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5701UC20X
Description  Compact 6-LED Driver for Mobile Platforms
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5701UC20X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5701UC20X Datasheet HTML 4Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 5Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 6Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 7Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 8Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 9Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 10Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 11Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5701 • Rev. 1.0.3
11
Physical Dimensions (Continued)
B
A
3.00
0.10
CA B
0.05
C
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
0.10 C
0.08 C
C
0.05
0.00
0.10 C
2X
0.55 MAX
SIDE VIEW
SEATING
PLANE
0.10 C
PIN #1 IDENT
(0.15)
PIN 1 IDENT
1
4
12
9
13
16
5
8
0.50
3.00
0.50
2X
1.75
1.65
1.75
1.65
NOTES:
A. DESIGN CONFORMS TO JEDEC MO-248.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION FROM
PCB MATRIX IPC LP CALCULATOR (V2009).
E. DRAWING FILENAME: MKT-UMLP16Brev1.
1.75
1.75
3.00
3.00
16X 0.30
16X 0.75
16X 0.42
0.32
16X 0.30
0.20
0.50
Figure 17.
UMLP-16 Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which
covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FAN5701UC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5702 FAIRCHILD-FAN5702 Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC08X FAIRCHILD-FAN5702UC08X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC15X FAIRCHILD-FAN5702UC15X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC20X FAIRCHILD-FAN5702UC20X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC30X FAIRCHILD-FAN5702UC30X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
More results

Similar Description - FAN5701UC20X

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
logo
SpectraLinear Inc
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
   133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com