Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT573AMTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VHCT573AMTC
Description  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT573AMTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHCT573AMTC_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT573AMTC_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT573A Rev. 1.3
2
Logic Symbol
IEEE/IEC
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Functional Description
The VHCT573A contains eight D-type latches with
3-STATE output buffers. When the Latch Enable (LE)
input is HIGH, data on the Dn inputs enters the latches.
In this condition the latches are transparent, i.e., a latch
output will change state each time its D input changes.
When LE is LOW the latches store the information that
was present on the D inputs, a setup time preceding the
HIGH-to-LOW transition of LE. The 3-STATE buffers are
controlled by the Output Enable (OE) input. When OE is
LOW, the buffers are enabled. When OE is HIGH the
buffers are in the high impedance mode, but, this does
not interfere with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to
estimate propagation delays.
Inputs
Outputs
OE
LE
D
On
LH
H
H
LHL
L
LL
X
O0
HX
X
Z


Similar Part No. - 74VHCT573AMTC_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT573AMTCX FAIRCHILD-74VHCT573AMTCX Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74VHCT573AMTC_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com