Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC221A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74VHC221A
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74VHC221A_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 10Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC221A Rev. 1.2
7
AC Electrical Characteristics(4)
Notes:
4. Refer to 74VHC221A Timing Chart.
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC
1 • Duty / 100 + I
CC / 2 (per Circuit)
ICC
1: Active Supply Current
Duty: %
AC Operating Requirement
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay Time
(A, B–Q, Q)
3.3 ± 0.3
CL = 15pF
13.4
20.6
1.0
24.0
ns
CL = 50pF
15.9
24.1
1.0
27.5
5.0 ± 0.5
CL = 15pF
8.1
12.0
1.0
14.0
ns
CL = 50pF
9.6
14.0
1.0
16.0
tPLH, tPHL Propagation Delay Time
(CLR Trigger—Q, Q)
3.3 ± 0.3
CL = 15pF
14.5
22.4
1.0
26.0
ns
CL = 50pF
17.0
25.9
1.0
29.5
5.0 ± 0.5
CL = 15pF
8.7
12.9
1.0
15.0
ns
CL = 50pF
10.2
14.9
1.0
17.0
tPLH, tPHL Propagation Delay Time
(CLR—Q, Q)
3.3 ± 0.3
CL = 15pF
10.3
15.8
1.0
18.5
ns
CL = 50pF
12.8
19.3
1.0
22.0
5.0 ± 0.5
CL = 15pF
6.3
9.4
1.0
11.0
ns
CL = 50pF
7.8
11.4
1.0
13.0
tWOUT
Output Pulse Width
2.0
CX = 28pF, CL = 50pF,
RX = 6kΩ
415
3.3 ± 0.3
345
ns
5.0 ± 0.5
312
3.3 ± 0.3
CL = 50pF, Cx = 28pF,
Rx
= 2kΩ
160
240
300
ns
5.0 ± 0.5
133
200
240
3.3 ± 0.3
CL = 50pF,
Cx
= 0.01µF,
Rx
= 10kΩ
90
100
110
90
110
µs
5.0 ± 0.5
90
100
110
90
110
3.3 ± 0.3
CL = 50pF, Cx = 0.1µF,
Rx
= 10kΩ
0.9
1.0
1.1
0.9
1.1
ms
5.0 ± 0.5
0.9
1.0
1.1
0.9
1.1
∆t
wOUT
Output Pulse Width Error
Between Circuits
(In same Package)
±1
%
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(5)
73
pF
Symbol
Parameter
VCC (V)
TA = 25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(L)
Minimum Trigger
3.3
5.0
5.0
ns
tW(H)
Pulse Width
5.0
5.0
5.0
tW(L)
Minimum Clear Pulse Width
3.3
5.0
5.0
ns
5.0
5.0
5.0


Similar Part No. - 74VHC221A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC221AFT TOSHIBA-74VHC221AFT Datasheet
315Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
Fairchild Semiconductor
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - 74VHC221A_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com