Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX125M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVX125M
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX125M_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX125M_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX125 Rev. 1.4.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
IIK
DC Input Diode Current, VI = –0.5V
–20mA
VI
DC Input Voltage
–0.5V to 7V
IOK
DC Output Diode Current
VO = –0.5V
–20mA
VO = VCC + 0.5V
+20mA
VO
DC Output Voltage
–0.5V to VCC + 0.5V
IO
DC Output Source or Sink Current
±25mA
ICC or IGND DC VCC or Ground Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
PPower Dissipation
180mW
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to 3.6V
VI
Input Voltage
0V to 5.5V
VO
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C
∆t / ∆V
Input Rise and Fall Time
0ns/V to 100ns/V


Similar Part No. - 74LVX125M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125MT FAIRCHILD-74LVX125MT Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTC FAIRCHILD-74LVX125MTC Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTC FAIRCHILD-74LVX125MTC Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTC FAIRCHILD-74LVX125MTC Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125MTC ONSEMI-74LVX125MTC Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVX125M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com