Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT574 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVT574
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT574 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LVT574_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LVT574_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT574, 74LVTH574 Rev. 1.6.0
6
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Notes:
9. All typical values are at VCC = 3.3V, TA = 25°C.
10. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance(11)
Note:
11. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
150
150
MHz
tPHL
Propagation Delay, CP to On
1.8
4.6
1.8
5.3
ns
tPLH
1.8
4.5
1.8
5.3
tPZL
Output Enable Time
1.5
5.2
1.5
6.1
ns
tPZH
1.5
4.8
1.5
5.9
tPLZ
Output Disable Time
2.0
4.4
2.0
4.4
ns
tPHZ
2.0
4.8
2.0
5.1
tS
Setup Time
2.0
2.4
ns
tH
Hold Time
0.3
0.0
ns
tW
Pulse Width
3.3
3.3
ns
tOSHL, tOSLH
Output to Output Skew(10)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6
pF


Similar Part No. - 74LVT574_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT574BQ NXP-74LVT574BQ Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
74LVT574D PHILIPS-74LVT574D Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
74LVT574D NXP-74LVT574D Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
74LVT574DB PHILIPS-74LVT574DB Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
74LVT574DB NXP-74LVT574DB Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results

Similar Description - 74LVT574_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com