Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0234005.MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 0234005.MXEP
Description  234 Series, 5 x 20 mm, Medium-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0234005.MXEP Datasheet(HTML) 3 Page - Littelfuse

  0234005.MXEP Datasheet HTML 1Page - Littelfuse 0234005.MXEP Datasheet HTML 2Page - Littelfuse 0234005.MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: January 7, 2009
303
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
234 Series
5×20 mm > Medium-Acting > 234 Series
Please refer to www.littelfuse.com/series/234.html for current information.
Materials
Body: Glass(1A-3.5A), Ceramic(4A-10A)
Cap: Nickel–plated brass
Leads: Tin–plated Copper
Filter: Sand (4A – 10A)
Terminal Strength
MIL-STD-202G, Method 211A, Test
Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap 1: Brand logo, current and voltage
rating
Cap 2: Series and agency approval
markings
Packaging
Available in Bulk (V=5, H=100, M=1000
pcs/pkg) or on Tape/Reel (MRET1=1000
pcs/reel)
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Thermal Shock
MIL-STD-202G, Method 107G, Test
Condition B: (5 cycles –65ºC to
+125ºC)
Vibration
MIL-STD-202F Method 201A
Humidity
MIL-STD-202G, Method 103B, Test
Condition A. high RH (95%) and
elevated temp (40ºC) for 240 hours
Salt Spray
MIL-STD-202G, Method 101D, Test
Condition B
Dimensions
Packaging
0234 000P
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0234 000XEP
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
234 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXE
N/A
Reel and Tape
EIA 296-E
1000
MRET1
T1=52mm (2.062”)
Part Numbering System
0234
MX P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0234005.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0234005.MXW LITTELFUSE-0234005.MXW Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234005.MXW- LITTELFUSE-0234005.MXW- Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0234005.MXW-ND LITTELFUSE-0234005.MXW-ND Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0234005.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
   233 Series, 5 x 20 mm, Medium-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com