Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19067-0067 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 19067-0067
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19067-0067 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  19067-0067 Datasheet HTML 1Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 2Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 3Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 4Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 5Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 6Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 7Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 8Page - Molex Electronics Ltd. 19067-0067 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 7 of 9
Revision: K
Revision Date: 05-06-08
Warranty
This tool is for electrical terminal crimping purposes only. This tool is made of the best quality materials. All vital
components are long-life tested. All tools are warranted free of manufacturing defects for a period of 30 days.
Should such a defect occur, we will repair or exchange the tool free of charge. This repair or exchange will not be
applicable to alter, misused or damaged tools. This tool is designed for hand use only. Any clamping, fixturing, or
use of handle extensions voids this warranty.
Hand held crimping tools are intended for low volume, prototyping, or repair requirements only.
Caution: Repetitive use of this tool should be avoided.


Similar Part No. - 19067-0067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19067-0099 MOLEX4-19067-0099 Datasheet
74Kb / 2P
   3.50mm (.138
More results

Similar Description - 19067-0067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com