Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0233003.MXEP Datasheet(PDF) 1 Page - Littelfuse

Part # 0233003.MXEP
Description  233 Series, 5 x 20 mm, Medium-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0233003.MXEP Datasheet(HTML) 1 Page - Littelfuse

  0233003.MXEP Datasheet HTML 1Page - Littelfuse 0233003.MXEP Datasheet HTML 2Page - Littelfuse 0233003.MXEP Datasheet HTML 3Page - Littelfuse 0233003.MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
297
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
233 Series
5×20 mm > Medium-Acting > 233 Series
Please refer to www.littelfuse.com/series/233.html for current information.
Agency Approvals
Features
Applications
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK280602-E10480 C
NBK290502-E10480 I
Leaded Certificates:
NBK280602-E10480 D
NBK290502-E10480 J
1A – 5A
6A – 10A
1A – 5A
6A – 10A
Certificates:
SU05001 – 2010
1A – 6.5A
Listed File:
E10480
Guide:
JDYX
1A – 10A
Fle:
029862
Acc. Class:
LR1422-01
Electrical Characteristics for Series
% of Ampere
Rating
Ampere
Rating
OpeningTime
100%
1A – 3.5A
4 hours, Minimum
4A – 7A
1 hour, Minimum
8A – 10A
1 hour, Minimum
135%
1A – 3.5A
15 sec., Min; 1500 sec., Max.
4A – 7A
15 sec., Min; 1500 sec., Max.
8A – 10A
3 sec., Min; 3600 sec., Max.
200%
1A – 3.5A
.60 sec., Min; 3 sec., Max.
4A – 7A
.60 sec., Min; 3 sec., Max.
8A – 10A
0.4 sec., Min; 2.25 sec., Max.
ANCE 248 Standard
and axial lead format
lead-free
Amp Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t
(A2 sec)
Agency Approvals
PS
E
001.
1
125
10,000A @ 125 VAC
0.1750
1.97500
xxxxx
1.25
1.25
125
0.1263
3.39000
x
x
x
x
x
01.6
1.6
125
0.0880
6.14000
xxxxx
002.
2
125
0.0684
9.97000
xxxxx
02.5
2.5
125
0.0521
17.04500
xxxxx
003.
3
125
0.0431
26.24000
xxxxx
3.15
3.15
125
0.0380
29.79500
xxxxx
03.5
3.5
125
0.0322
36.27500
xxxxx
004.
4
125
0.0293
51.61000
xxxxx
005.
5
125
0.0217
89.97500
xxxxx
006.
6
125
0.0179
131.45500
xxxxx
06.3
6.3
125
0.0166
151.90500
xxxxx
007.
7
125
0.0137
157.31000
x
x
x
008.
8
125
0.0084
169.43500
xxxx
010.
10
125
0.0066
274.11500
xxxx
Electrical Characteristic Specifications by Item
233 Series, 5 x 20 mm, Medium-Acting Fuse
PS
E
Description
Revised: September 9, 2010


Similar Part No. - 0233003.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0233003.MXW LITTELFUSE-0233003.MXW Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0233003.MXW- LITTELFUSE-0233003.MXW- Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0233003.MXW-ND LITTELFUSE-0233003.MXW-ND Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0233003.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com