Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

025101.5HAT1L Datasheet(PDF) 3 Page - Littelfuse

Part # 025101.5HAT1L
Description  251/253 Series, PICO짰 II, Very Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

025101.5HAT1L Datasheet(HTML) 3 Page - Littelfuse

  025101.5HAT1L Datasheet HTML 1Page - Littelfuse 025101.5HAT1L Datasheet HTML 2Page - Littelfuse 025101.5HAT1L Datasheet HTML 3Page - Littelfuse 025101.5HAT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
251/253 Series
Please refer to www.littelfuse.com/series/251.html
or /253.html for current information.
PICO® ll > Very Fast-Acting > 251/253 Series
Average Time Current Curves
Soldering Parameters
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES
Wave Parameter
Lead-Free Recommendation
Preheat:
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
260
° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Hand Soldering Parameters:
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process
Recommended Process Parameters:
Note:
1. Rerating depicted in this curve is in addition to the standard rerating of 25% for
continuous operation.
Temperature Rerating Curve


Similar Part No. - 025101.5HAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
025101.5HAT1L LITTELFUSE-025101.5HAT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 025101.5HAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.062M LITTELFUSE-0253.062M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.125M LITTELFUSE-0253.125M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0263.062WRT2 LITTELFUSE-0263.062WRT2 Datasheet
185Kb / 3P
   263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0253.125V LITTELFUSE-0253.125V Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 251/253 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com